Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
40-3575-16 Datasheet(PDF) 1 Page - Aries Electronics, Inc. |
|
40-3575-16 Datasheet(HTML) 1 Page - Aries Electronics, Inc. |
|
1 / 1 page 2609 Bartram Road • Bristol, PA 19007-6810 USA TEL 215-781-9956 • FAX 215-781-9845 WWW.ARIESELEC.COM • INFO@ARIESELEC.COM 10019 Rev. 1.5 1 of 1 ALL DIMENSIONS: INCHES [MILLIMETERS] ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED FITS TEST SOCKET RECEPTACLE XX-6556-XX, SEE DATA SHEET 10003 CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION. SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE FURNISHED, DEPENDING ON QUANTITY. ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS WITHOUT NOTICE PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE CONSIDERED UNCONTROLLED FEATURES • AcceptsDeviceson0.300to0.600[7.62to15.24]Centers • AllPinCountSocketsgointoPCBwitheither0.300or0.600[7.62or15.24]Centers • Quick-releaseHandleSwingsDowntoOpenContactsforDeviceInsertion;Releasing HandleAutomaticallyReturnstoCloseontoDeviceLeads • HandleMountedoneitherRight-orLeft-handSide • SolderintoPCBsorPluggedintoAnySocket GENERAL SPECIFICATIONS • STANDARD SOCKET BODY:BlackUL94V-0Glass-filledPolyphenyleneSulfide(PPS) • HIGH-TEMP SOCKET BODY:naturalcolorPolyetheretherketone(PEEK) • HANDLE:StainlessSteel • HANDLE KNOB:Brass360,1/2-hard(noKnobonLoophandle) • CONTACT MATERIAL:BeCu172perQQ-C-553;Spinodal;BeNi360,1/2-hard • ALL BeCu CONTACTS:50μ[1.27μ]min.NiunderplateperQQ-N-290,overplatedwith 200μ[5.08μ]min.matteSnperASTMB545-97; –OR–200μ[5.08μ]min.90/10Sn/ PbperMIL-T-10727-1110μ[0.25μ]min.AuperMIL-G-45204 • SPINODAL CONTACT PLATING:50μ[1.27μ]min.NiB • HIGH-TEMPERATURE BeNi CONTACT PLATING:50μ[1.27μ]NiB • CONTACT CURRENT RATING:1amp • INSULATION RESISTANCE: 1000 MΩmin. • DIELECTRIC WITHSTANDING VOLTAGE:1000VAC • LIFE CYCLE:25,000to50,000cycles • OPERATING TEMPERATURE:min.-67°F[-55°C];max.221°F[105°C]forSnplating, 302°F[150°C]forAuplating,392°F[200°C]forNiBplating,482°F[250°C]forhigh- tempsocket • RETENTION FORCE (closed):55g/pinbasedona0.020[0.51]dia.testlead • ACCEPTS LEADS:0.015-0.035[0.38-0.89]wide,0.110-0.280[2.79-7.11]long MOUNTING CONSIDERATIONS • See SOCKET FOOTPRINTbelow Series 57 Quick-Release Universal Zero-Insertion-Force DIP Test Socket Handle Dim “H1” Dim. “H2” Dim “H3” Longw/Knob 0.568[14.43] 0.300[7.62] 0.471[11.96] Shortw/Knob 0.317[8.05] 0.400[10.16] 0.252[6.40] Loop(noKnob) 0.270[6.86] 0.193[4.90] 0.405[10.29] ORDERING INFORMATION XX-X 57 X-X X Plating 0=SnoverNi 0TL=Sn/PboverNi 1=AuoverNi 6=NiB(Spinodal) 8=Hi-tempSocket Termination 1=SolderPinTail 45° Handle Options 0=LongHandle,RightSide 1=LongHandle,LeftSide 2=ShortHandle,RightSide 3=ShortHandle,LeftSide 4=LoopHandle,RightSide* 5=LoopHandle,LeftSide* Series Row-to-Row Spacing(btm) 3=0.300[7.62] 6=0.600[15.24](Std) Pins 24,28,32,36,40,42,44,48 *Hi-TempSocketOnly |
Número de pieza similar - 40-3575-16 |
|
Descripción similar - 40-3575-16 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |