Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPEMG24-S150160-8 Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPEMG24-S150160-8
Descripción Electrónicos  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMG24-S150160-8 Datasheet(HTML) 1 Page - Total Power International

  TPEMG24-S150160-8 Datasheet HTML 1Page - Total Power International TPEMG24-S150160-8 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
EXTERNAL DESKTOP SWITCHING ADAPTER 20-24 WATTS
GREEN POWER SINGLE OUTPUT
TPEMG24 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
MEET MEDICAL STANDARDS IEC60601-1
& ITE STANDARDS IEC60950-1
EMI MEET EN 55011 & EN55022 /
FCC CLASS B
MEET ENERGY STAR LEVEL V &
CEC LEVEL IV
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 20-24Watts.
Output Connector & Cord: Optional.
Line Regulation: Typical 0.1%.
Load Regulation: Typical ±1.8%-±3%.
Noise & Ripple: 1.0% peak to peak.
OVP: Built-in by Auto-recovery.
Adjustability: Factory set.
Over Current Protection (OCP): Installed.
Current limiting can be set precisely as per request.
GENERAL SPECIFICATION
Efficiency: Typical 78%-88% (various with the output
voltage)
Switching Frequency: Typical 55K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet Medical standards UL60601-1/
EN60601-1, and ITE UL60950-1/EN60950-1
Class I for DT7(C14) or Class II for DT8(C8)
Operating Temperature: 0°C to +40°C.
Storage Temperature: -20 to +85°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Power Density: 1.6-19.1Watts / Cubic inch.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac.
Input Connector: 3 pole AC inlet IEC320-C14(DT7) /
2 pole AC inlet IEC320-C8(DT8).
Input Frequency: 47-63Hz.
Inrush Current: 6.274Arms at 230Vac.
Input Current: Typical 0.347A at 115Vac/
0.215A at 230Vac.
Dielectric Withstand: Meet IEC60601-1 & IEC60950-1.
EMI: Meet EN55011 & EN55022 / FCC Class B.
Hold-up Time: Typical 16.8mS at 115Vac.
Typical 86.4mS at 230Vac.
Leakage Current: Typical 0.25 mA for Class I
Typical 0.1mA for Class II.
No Load Power: Less than 0.3W.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Número de pieza similar - TPEMG24-S150160-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49-S120400-7 TOTAL-POWER-TPEMG49-S120400-7 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49-S120400-8 TOTAL-POWER-TPEMG49-S120400-8 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49-S150330-7 TOTAL-POWER-TPEMG49-S150330-7 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49-S240210-7 TOTAL-POWER-TPEMG49-S240210-7 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Descripción similar - TPEMG24-S150160-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com