Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPHPU15-106 Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPHPU15-106
Descripción Electrónicos  15W Interchangeable Power Supplies for MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPHPU15-106 Datasheet(HTML) 1 Page - Total Power International

  TPHPU15-106 Datasheet HTML 1Page - Total Power International TPHPU15-106 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage,80to275VAC,47to440Hz
InterchangeablePlug
SingleOutput
OverVoltageandOverLoadprotection
MedicalSafety3rd(IEC60601-13rdEdition)
InputtoOutput:2MOPP
EnergyStar2.0,EfficiencylevelV
ClassIIsystem
2yearwarranty
ElectricalCharacteristics:
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
80~275VAC
Fi
Fi
Po
Iil
Iih
Ir
InputFrequency
OutputPowerRange
Seeratingchart
Sinewave
Safety Approval&SpecificationinLabel
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Vsg
ESDa
ESDc
Ho
StorageHumidity
SurgeVoltage
ElectroStaticDischarge
ElectroStaticDischarge
OperatingHumidity
ELEV
VBR
MTBF
MeanTimeBetweenFailure
Operating Altitude(Elevation)
Vibration
-40~85°C
-10~70°C
0~95% RH
0~95% RH
2kV (min.)
8kV (min.)
5G (min.)
6kV (min.)
5000m (max.)
0.1MHrs(min.)
Seederatingcurve
AllCondition
10~95%RH
Non-condensing
SeeRatingChart
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=100VAC
°
Io=Fullload,25°C,Coolstart,Vin=240VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
0.6A
15W
0.4A
47~440Hz
35A (max.)
85A (max.)
68~85%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thu
Ts
Vp-p
Tc
Io=FullLoad,Vin=230VAC
Io=FullLoad,Vin=100~240VAC
Vin=230VAC
Nil.But,Outputprotectedtoshortcircuitconditions
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100~240VAC
FullLoad,Vin=90VAC
Io=FullLoad,Vin=110VAC
AllCondition
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
±0.04%/°C
Nil
2S (max.)
12mS (typ.)
1% (max.)
1% (max.)
3~5%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
EMI
6483VDC (min.)
BClass
Primarytosecondary
AirDischarge,IEC61000-4-2
ContactDischarge,IEC61000-4-2
Operating Temperatureat25°C,
CalculatedperMIL-HDBK-217F
Allcondition
10~500Hz,10min./1cycle,60min.
EachalongX, Y,Zaxes
DielectricWithstandingVoltage
EMCEmission
CompliancetoEN55011(CISPR11),
EN61000-3-2,-3
15WInterchangeablePowerSuppliesforMEDICAL
TPHPU15 SERIES
-HomeHealthcareEquipment
-PatientMonitor
-BloodPressuresystem
-Portablemedicaldevices
-ECGmachine
Vins
Vin
Seederatingcurve
RoHS
2011/65/EU
2
CB
IP22
S&E
Tota
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(U.S.) PH# (978) 453-7272
www.total-power.com
sales@total-power.com


Número de pieza similar - TPHPU15-106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPHPU32A TOTAL-POWER-TPHPU32A Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-102 TOTAL-POWER-TPHPU32A-102 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-103 TOTAL-POWER-TPHPU32A-103 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-104 TOTAL-POWER-TPHPU32A-104 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-105 TOTAL-POWER-TPHPU32A-105 Datasheet
359Kb / 2P
   Medical Power Supplies
More results

Descripción similar - TPHPU15-106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
   15W Medical Power Adapters with Interchangeable Input Plugs
logo
MPS Industries, Inc.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MBU151 MPSIND-MBU151 Datasheet
409Kb / 2P
   15W Open Frame Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
logo
Astrodyne Corporation
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
logo
Total Power Internation...
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com