Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1133 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI1133
Descripción Electrónicos  UV Index/Ambient Light Sensor IC with IC Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1133 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI1133 Datasheet HTML 1Page - Silicon Laboratories SI1133 Datasheet HTML 2Page - Silicon Laboratories SI1133 Datasheet HTML 3Page - Silicon Laboratories SI1133 Datasheet HTML 4Page - Silicon Laboratories SI1133 Datasheet HTML 5Page - Silicon Laboratories SI1133 Datasheet HTML 6Page - Silicon Laboratories SI1133 Datasheet HTML 7Page - Silicon Laboratories SI1133 Datasheet HTML 8Page - Silicon Laboratories SI1133 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
3.2 Ultraviolet (UV) Index Sensing
The UV Index is a number linearly related to the intensity of sunlight reaching the earth and is weighted according to the CIE erythema
Action Spectrum as shown in Figure 4. This weighting is a standardized measure of human skin's response to different wavelengths of
sunlight from UVB to UVA. The UV Index has been standardized by the World Health Organization as shown in the figure below.
Figure 3.2. CIE Erythemal Action Spectrum
Figure 3.3. UV Index Scale
Isolated UV photodiodes that closely match the erythema curve for accurate UV Index measurements. Matching dark current reference
photodiodes are also provided to cancel UV photodiode noise. The typical calibrated UV Index sensor response vs. calculated ideal UV
Index is shown below for several cloudy and sunny days and at various angles of the sun/time of day.
Given the possible variation of the overlay materials above the Si1133, it is generally recommended that outgoing factory calibration be
performed at the outgoing test to decrease system-to-system variation.
The performance of the Si1133 is best when under a Teflon diffuser while diffuser is within +/- 30 degrees of the sensor view angle.
See the plot below.
Si1133 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.91 | 4


Número de pieza similar - SI1133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1132 SILABS-SI1132 Datasheet
703Kb / 49P
   Integrated ambient light sensor
More results

Descripción similar - SI1133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
   High Accuracy Ambient Light Sensor with IC Interface
Rev. 1.0, 19-Nov-15
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com