Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1133 Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza SI1133
Descripción Electrónicos  UV Index/Ambient Light Sensor IC with IC Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1133 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI1133 Datasheet HTML 1Page - Silicon Laboratories SI1133 Datasheet HTML 2Page - Silicon Laboratories SI1133 Datasheet HTML 3Page - Silicon Laboratories SI1133 Datasheet HTML 4Page - Silicon Laboratories SI1133 Datasheet HTML 5Page - Silicon Laboratories SI1133 Datasheet HTML 6Page - Silicon Laboratories SI1133 Datasheet HTML 7Page - Silicon Laboratories SI1133 Datasheet HTML 8Page - Silicon Laboratories SI1133 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
1. Feature List
• High accuracy UV index sensor
• Matches erythermal curve
• Ambient light sensor
• <100 mlx resolution possible, allowing operation under
dark glass<100 mlx resolution possible, allowing operation
under dark glass
• Up to 128 klx dynamic range possible across two ADC
range settings
• Industry’s lowest power consumption
• 1.62 to 3.6 V supply voltage
• <500 nA standby current
• Internal and external wake support
• Built-in voltage supply monitor and power-on reset control-
ler
• Trimmable internal oscillator with typical 1% accuracy
• I2C Serial communications
• Up to 3.4 Mbps data rate
• Slave mode hardware address decoding
• Small package options
• 10-lead 2 x 2 x 0.65 mm QFN
• Temperature Range: –40 to +85 °C
Si1133 Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.91 | 1


Número de pieza similar - SI1133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1132 SILABS-SI1132 Datasheet
703Kb / 49P
   Integrated ambient light sensor
More results

Descripción similar - SI1133

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
   High Accuracy Ambient Light Sensor with IC Interface
Rev. 1.0, 19-Nov-15
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com