Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7020-A20-IM Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI7020-A20-IM
Descripción Electrónicos  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-IM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI7020-A20-IM Datasheet HTML 5Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 6Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 9Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 10Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 11Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 12Page - Silicon Laboratories SI7020-A20-IM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Si7020-A20
Rev. 1.1
9
Table 5. Temperature Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade) default conversion time, unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
I and Y Grade
–40
+125
°C
G Grade
–40
+85
°C
Accuracy1
–10 °C< tA < 85 °C
±0.3
±0.4
°C
–40 < tA < 125 °C
Figure 3.
Repeatability/Noise
14-bit resolution
0.01
°C RMS
13-bit resolution
0.02
12-bit resolution
0.04
11-bit resolution
0.08
Response Time2
τ63%
Unmounted device
0.7
s
Si7020-EB board
5.1
s
Long Term Stability
0.01
°C/Yr
Notes:
1.
14b measurement resolution (default).
2.
Time to reach 63% of final value in response to a step change in temperature. Actual response time will vary
dependent on system thermal mass and air-flow.


Número de pieza similar - SI7020-A20-IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7020-A20-IM SILABS-Si7020-A20-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-IM1 SILABS-Si7020-A20-IM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-IM1R SILABS-Si7020-A20-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-IMR SILABS-Si7020-A20-IMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7020-A20-IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com