Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8719BC-A-IS Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI8719BC-A-IS
Descripción Electrónicos  5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8719BC-A-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8719BC-A-IS Datasheet HTML 1Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 2Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 3Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8719BC-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Si871x/2x
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
VDD
2.5
5.5
V
Input Current
IF(ON)
(See Figure 1)
6—
30
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Parameters
Supply Voltage
VDD
(VDD–GND)
2.5
5.5
V
Supply Current
IDD
Output high or low
(VDD = 2.5 to 5.5 V)
—1.5
mA
Input Current Threshold
IF(TH)
——
3.6
mA
Input Current
Hysteresis
IHYS
—0.34
mA
Input Forward Voltage
(OFF)
VF(OFF) Measured at ANODE with respect to
CATHODE.
——
1
V
Input Forward Voltage
(ON)
VF(ON) Measured at ANODE with respect to
CATHODE.
1.4
2.8
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
pF
Logic Low Output
Voltage
VOL
IOL =4mA
0.2
0.4
V
Logic High Output
Voltage
VOH
IOH =–4mA
VDD - 0.4 VDD -
0.2
—V
Output Impedance
ZO
—50
Enable High Min
VEH
VDD - 0.4
V
Enable Low Max
VEL
——
0.4
V
Enable High Current
Draw
IEH
VDD =VEH =5V
0
µA
Enable Low Current
Draw
IEL
VDD =5V, VEL = 0 V
–30
0
µA
UVLO Threshold +
VDDUV+
See Figure 8 on page 16.
VDD rising
2.2
2.35
V
UVLO Threshold –
VDDUV–
See Figure 8 on page 16.
VDD falling
2
2.25
V
UVLO lockout
hysteresis
VDDHYS
50
100
mV


Número de pieza similar - SI8719BC-A-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si8719BC-A-IS SILABS-Si8719BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8719BC-A-IS SKYWORKS-SI8719BC-A-IS Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Descripción similar - SI8719BC-A-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com