Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8621ED-B-IS Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI8621ED-B-IS
Descripción Electrónicos  Low-Power Single and Dual-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8621ED-B-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8621ED-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 13Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 14Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8621Bx, Ex
VDD1
VDD2
2.2
2.2
3.3
3.3
mA
Si8622Bx, Ex
VDD1
VDD2
3.7
4.4
5.5
6.7
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8610Bx, Ex
VDD1
VDD2
1.2
4.8
2.0
6.7
mA
Si8620Bx, Ex
VDD1
VDD2
2.1
8.9
3.1
12.5
mA
Si8621Bx, Ex
VDD1
VDD2
5.8
5.8
8.1
8.1
mA
Si8622Bx, Ex
VDD1
VDD2
7.6
8.2
10.6
11.4
mA
Timing Characteristics
Si861x/2x Bx, Ex
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
5.0
ns
Propagation Delay
tPHL, tPLH
See Figure 4.1 Propa-
gation Delay Timing on
page 12
5.0
8.0
13
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 4.1 Propa-
gation Delay Timing on
page 12
0.2
4.5
ns
Propagation Delay Skew3
tPSK(P-P)
2.0
4.5
ns
Channel-Channel Skew
tPSK
0.4
2.5
ns
All Models
Output Rise Time
tr
CL = 15 pF
See Figure 4.1 Propa-
gation Delay Timing on
page 12
2.5
4.0
ns
Si861x/2x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 10


Número de pieza similar - SI8621ED-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8621ED-B-IS SILABS-SI8621ED-B-IS Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Si8621ED-B-IS SILABS-Si8621ED-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8621ED-B-IS SKYWORKS-SI8621ED-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Descripción similar - SI8621ED-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com