Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8645BB-B-IU Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI8645BB-B-IU
Descripción Electrónicos  Low-Power Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8645BB-B-IU Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8645BB-B-IU Datasheet HTML 7Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 8Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 9Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 10Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 11Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 12Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 13Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 14Page - Silicon Laboratories SI8645BB-B-IU Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8641Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.4
2.3
5.2
3.6
2.2
3.7
7.8
5.4
mA
Si8642Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.8
1.8
4.4
4.4
2.9
2.9
6.6
6.6
mA
1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
2.9
5.0
4.0
mA
Si8641Bx, Ex
VDD1
VDD2
3.4
3.3
4.8
4.6
mA
Si8642Bx, Ex
VDD1
VDD2
3.3
3.3
4.6
4.6
mA
10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
4.0
5.0
5.6
mA
Si8641Bx, Ex
VDD1
VDD2
3.7
4.1
5.2
5.8
mA
Si8642Bx, Ex
VDD1
VDD2
3.9
3.9
5.4
5.4
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
17.5
5.0
22.8
mA
Si864x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.9 | 10


Número de pieza similar - SI8645BB-B-IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si8645BB-B-IU SILABS-Si8645BB-B-IU Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8645BB-B-IU SKYWORKS-SI8645BB-B-IU Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Descripción similar - SI8645BB-B-IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com