Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ACT823FMQB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACT823FMQB
Descripción Electrónicos  9-Bit D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT823FMQB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACT823FMQB Datasheet HTML 1Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 2Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 3Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 4Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 5Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 6Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 7Page - National Semiconductor (TI) 54ACT823FMQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics (Continued)
Symbol
Parameter
V
CC
(V)
(Note 4)
T
A = −55˚C to +125˚C
C
L = 50 pF
Units
Min
Max
t
PHL
Propagation Delay
5.0
1.0
12.0
ns
CP to O
n
t
PHL
Propagation Delay
5.0
1.0
18.0
ns
CLR to O
n
t
PZH
Output Enable Time
5.0
1.0
11.5
ns
OE to O
n
t
PZL
Output Enable Time
5.0
1.0
12.0
ns
OE to O
n
t
PHZ
Output Disable Time
5.0
1.0
13.5
ns
OE to O
n
t
PLZ
Output Disable Time
5.0
1.0
12.0
ns
OE to O
n
Note 4: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
Symbol
Parameter
V
CC(V)
(Note 5)
T
A = −55˚C to +125˚C
C
L = 50 pF
Units
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
4.0
ns
DtoCP
t
h
Hold Time, HIGH or LOW
5.0
3.0
ns
D
n to CP
t
s
Setup Time, HIGH or LOW
5.0
4.0
ns
EN to CP
t
h
Hold Time, HIGH or LOW
5.0
3.0
ns
EN to CP
t
w
CP Pulse Width
5.0
6.0
ns
HIGH or LOW
t
w
CLR Pulse Width, LOW
5.0
7.5
ns
t
rec
CLR to CP
5.0
4.5
ns
Recovery Time
Note 5: Voltage Range 5.0 is 5.0V ±0.5V
5
www.national.com


Número de pieza similar - 54ACT823FMQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACT823FMQB NSC-54ACT823FMQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

Descripción similar - 54ACT823FMQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
   4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
   4-BIT D FLIP-FLOP
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com