Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF5904WCCPZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADF5904WCCPZ
Descripción Electrónicos  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5904WCCPZ Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ Datasheet HTML 10Page - Analog Devices ADF5904WCCPZ Datasheet HTML 11Page - Analog Devices ADF5904WCCPZ Datasheet HTML 12Page - Analog Devices ADF5904WCCPZ Datasheet HTML 13Page - Analog Devices ADF5904WCCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADF5904
Data Sheet
REGISTER MAP
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
1
0
0
0
0
0
0
0
RESERVED
RESERVED
0
0
0
0
0
0
0
0
0
PC4
PC3
PC2
PC1
PLO LPB
DIO
1
0
1
0
0
C2(0) C1(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
CS2
CS1
CS0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
1
0
0
1
0
C2(0) C1(1)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C2(1) C1(1)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15
DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
C2(1) C1(0)
REGISTER 2 (R2)
1
0
RESERVED
RESERVED
RESERVED
REGISTER 3 (R3)
REGISTER 1 (R1)
REGISTER 0 (R0)
DB14 DB13 DB12 DB11 DB10
TC4
TC3
TC2
TC1
TC0
5-BIT
CHANNEL TEST SELECT
RESERVED
CHANNEL
SELECT
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
Figure 17. Latch Summary
Rev. 0 | Page 10 of 15


Número de pieza similar - ADF5904WCCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF5904WCCPZ AD-ADF5904WCCPZ Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

Descripción similar - ADF5904WCCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com