Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW60A Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza BCW60A
Descripción Electrónicos  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW60A Datasheet(HTML) 7 Page - Infineon Technologies AG

  BCW60A Datasheet HTML 1Page - Infineon Technologies AG BCW60A Datasheet HTML 2Page - Infineon Technologies AG BCW60A Datasheet HTML 3Page - Infineon Technologies AG BCW60A Datasheet HTML 4Page - Infineon Technologies AG BCW60A Datasheet HTML 5Page - Infineon Technologies AG BCW60A Datasheet HTML 6Page - Infineon Technologies AG BCW60A Datasheet HTML 7Page - Infineon Technologies AG BCW60A Datasheet HTML 8Page - Infineon Technologies AG BCW60A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BCW60, BCX70
7
Jan-29-2002
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 40
0
10
EHP00331
BCW 60/BCX 70
BE sat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
˚C
25
100 ˚C
-50 ˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 40
0
10
EHP00332
BCW 60/BCX 70
CEsat
V
V
0.5
-1
100
101
2
10
5
5
Ι
C
mA
0.1
0.2
0.3
0.4
˚C
100
25 ˚C
-50 ˚C
Collector current IC = f (VBE)
VCE = 5V
0
10
EHP00333
BCW 60/BCX 70
BE
V
0.5
V
1.0
-2
10-1
100
2
10
5
5
Ι
C
mA
5
1
10
˚C
100
25
-50
˚C
˚C
DC current gain hFE = f (IC)
VCE = 5V
10
EHP00334
BCW 60/BCX 70
-2
2
10
mA
0
10
3
10
5
5
10
-1
10
0
10
1
C
FE
h
Ι
1
10
2
10
˚C
100
5
25 ˚C
-50 ˚C


Número de pieza similar - BCW60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
BCW60A SAMSUNG-BCW60A Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW60A SIEMENS-BCW60A Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW60A FAIRCHILD-BCW60A Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Zetex Semiconductors
BCW60A ZETEX-BCW60A Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
BCW60A FAIRCHILD-BCW60A Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Descripción similar - BCW60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com