Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW61A Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BCW61A
Descripción Electrónicos  PNP Silicon AF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61A Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCW61A Datasheet HTML 1Page - Infineon Technologies AG BCW61A Datasheet HTML 2Page - Infineon Technologies AG BCW61A Datasheet HTML 3Page - Infineon Technologies AG BCW61A Datasheet HTML 4Page - Infineon Technologies AG BCW61A Datasheet HTML 5Page - Infineon Technologies AG BCW61A Datasheet HTML 6Page - Infineon Technologies AG BCW61A Datasheet HTML 7Page - Infineon Technologies AG BCW61A Datasheet HTML 8Page - Infineon Technologies AG BCW61A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCW61, BCX71
6
Jul-10-2001
Collector-base capacitance
CCB = f (VCBO)
Emitter-base capacitance
CEB = f (VEBO)
10
EHP00344
BCW 61/BCX 71
-1
1
10
V
10
0
6
12
pF
0
2
4
8
10
CBO
VV
EBO
EBO
C
C
CBO
EBO
C
C
CBO
)
(
)
(
Total power dissipation
Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00345
BCW 61/BCX 71
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t
Transition frequency
fT = f (IC)
VCE = 5V
10
EHP00347
BCW 61/BCX 71
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
55


Número de pieza similar - BCW61A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
BCW61A SAMSUNG-BCW61A Datasheet
32Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
BCW61A DGNJDZ-BCW61A Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCW61A SIEMENS-BCW61A Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW61A FAIRCHILD-BCW61A Datasheet
32Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
BCW61A FAIRCHILD-BCW61A Datasheet
47Kb / 4P
   General Purpose Transistor
More results

Descripción similar - BCW61A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com