Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPMI40-T050MI Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPMI40-T050MI
Descripción Electrónicos  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMI40-T050MI Datasheet(HTML) 1 Page - Total Power International

  TPMI40-T050MI Datasheet HTML 1Page - Total Power International TPMI40-T050MI Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US)
PH#978-453-7272
www.total-power.com
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME
SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPMI40 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT 5”x 3” PCB FORMAT
MEET MEDICAL STANDARD EN 60601-1/
UL 2601-1
EMI MEET EN 55011 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 2.36Arms @230Vac.
Input Current: Typ. 0.66A@115Vac, 0.37A @230Vac.
Dielectric Withstand: Meet IEC 60601-1.
EMI: Meet EN55011 & FCC Class B.
Hold-up Time: Typ. 14mS @115Vac, 78.4mS @ 230Vac.
Earth Leakage: Less than 0.12mA @230Vac.
GENERAL SPECIFICATION
Efficiency: Typ. 71%(Various with output voltage).
Switching Frequency: 45 KHz.
Circuit Topology: Fixed frequency flyback circuit.
Transient Response: Output voltage returns in less than
2mS following a 25% load change.
Safety Standard: Meet Medical standards UL 2601-1/
EN 60601-1 Class I.
Operating Temperature: -20 to +50 °C.
(Various with output voltage).
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection.
Power Density: 2.18Watts / Cubic Inch.
Construction: 5”x3“ PCB format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 40 watts.
Line Regulation: Typ. 0.2-0.8%.
Load Regulation: Main VO1 typ ±3%.
Aux. VO2 typ. ±3.8%.
Aux. VO3 typ. ±0.3%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output (Latch).
Adjustability: Available at Main output.
Overload Protection (OLP):
Fully protected against outputs overload and short circuit.
Typ. OLP set at 125-150% of rating output power.
Consult the factory for OLP setting.
Total Power International, Inc.


Número de pieza similar - TPMI40-T050MI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S120350 TOTAL-POWER-TPMI43-S120350 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S150270 TOTAL-POWER-TPMI43-S150270 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S240170 TOTAL-POWER-TPMI43-S240170 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43-S480085 TOTAL-POWER-TPMI43-S480085 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

Descripción similar - TPMI40-T050MI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com