Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53306 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI53306
Descripción Electrónicos  1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53306 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI53306 Datasheet HTML 1Page - Silicon Laboratories SI53306 Datasheet HTML 2Page - Silicon Laboratories SI53306 Datasheet HTML 3Page - Silicon Laboratories SI53306 Datasheet HTML 4Page - Silicon Laboratories SI53306 Datasheet HTML 5Page - Silicon Laboratories SI53306 Datasheet HTML 6Page - Silicon Laboratories SI53306 Datasheet HTML 7Page - Silicon Laboratories SI53306 Datasheet HTML 8Page - Silicon Laboratories SI53306 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev. 1.0 2/15
Copyright © 2015 by Silicon Laboratories
Si53306
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Silicon Laboratories Confidential. Information contained herein is covered under non-disclosure agreement (NDA).
Si53306
1:4 L OW-J ITTER U NIVERSAL B UFFER/L EVEL TRANSLATOR
Features
Applications
Description
The Si53306 is an ultra low jitter four output differential buffer with pin-selectable
output clock signal format. The Si53306 utilizes Silicon Laboratories' advanced
CMOS technology to fanout clocks from 1 to 725 MHz with guaranteed low
additive jitter, low skew, and low propagation delay variability. The Si53306
features minimal cross-talk and provides superior supply noise rejection,
simplifying low jitter clock distribution in noisy environments. Independent core
and output bank supply pins provide integrated level translation without the need
for external circuitry.
Functional Block Diagram
4 differential or 8 LVCMOS outputs
Ultra-low additive jitter: 45 fs rms
Wide frequency range: 1 to 725 MHz
Any-format input with pin selectable
output formats: LVPECL, low power
LVPECL, LVDS, CML, HCSL,
LVCMOS
Synchronous output enable
Independent VDD and VDDO :
1.8/2.5/3.3 V
1.2/1.5 V LVCMOS output support
Selectable LVCMOS drive strength to
tailor jitter and EMI performance
Small size: 16-QFN (3 mm x 3 mm)
RoHS compliant, Pb-free
Industrial temperature range:
–40 to +85 °C
High-speed clock distribution
Ethernet switch/router
Optical Transport Network (OTN)
SONET/SDH
PCI Express Gen 1/2/3
Storage
Telecom
Industrial
Servers
Backplane clock distribution
VDD
Power
Supply
Filtering
VDDO
OE
SFOUT[1:0]
CLK
CLK
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Patents pending
Ordering Information:
See page 24.
Pin Assignments
GND
PAD
9
11
10
12
4
2
3
1
CLK
CLK
Q1
Q1
Q2
Q2
GND
VDD


Número de pieza similar - SI53306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53306 SKYWORKS-SI53306 Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53306-B-GM SKYWORKS-SI53306-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Descripción similar - SI53306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53315 SILABS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL
SI53314 SILABS-SI53314 Datasheet
1Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com