Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53321 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI53321
Descripción Electrónicos  1:10 LOW JITTER LVPECL CLOCK BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53321 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI53321 Datasheet HTML 1Page - Silicon Laboratories SI53321 Datasheet HTML 2Page - Silicon Laboratories SI53321 Datasheet HTML 3Page - Silicon Laboratories SI53321 Datasheet HTML 4Page - Silicon Laboratories SI53321 Datasheet HTML 5Page - Silicon Laboratories SI53321 Datasheet HTML 6Page - Silicon Laboratories SI53321 Datasheet HTML 7Page - Silicon Laboratories SI53321 Datasheet HTML 8Page - Silicon Laboratories SI53321 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev. 1.0 4/15
Copyright © 2015 by Silicon Laboratories
Si53321
Si53321
1:10 L OW J ITTER LVPECL C LOCK B UFFER
WITH
2:1 I NPUT M UX (< 1.25 GH Z)
Features
Applications
Description
The Si53321 is an ultra-low jitter ten output differential buffer. The Si53321
features a 2:1 input mux, making it ideal for redundant clocking applications. The
Si53321 utilizes Silicon Laboratories' advanced CMOS technology to fanout
clocks from dc to 1.25 GHz with guaranteed low additive jitter, low skew, and low
propagation delay variability. The Si53321 features minimal cross-talk and
provides superior supply noise rejection, simplifying low jitter clock distribution in
noisy environments.
Functional Block Diagram
10 LVPECL outputs
Ultra-low additive jitter: 45 fs rms typ
Wide frequency range: dc to
1.25 GHz
Input compatible with LVPECL,
LVDS, CML, HCSL, LVCMOS
2:1 input mux
Low output-output skew: 25 ps (typ)
RoHS compliant, Pb-free
32-QFN, 32-eLQFP
Industrial temperature range:
–40 to +85°C
Footprint-compatible with
MC100LVEP111, CDCLVP111,
MAX9311, ICS853S111BI,
ICS85310-1
High-speed clock distribution
Ethernet switch/router
Optical Transport Network (OTN)
SONET/SDH
PCI Express Gen 1/2/3
Storage
Telecom
Industrial
Servers
Backplane clock distribution
CLK0
CLK0
CLK1
CLK1
0
1
CLK_SEL
Power
Supply
Filtering
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
Q9
Q9
VDD
GND
Patents pending
Ordering Information:
See page 19.
Pin Assignments (Top View)
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
Q3
24
Q3
23
22
Q4
21
20
Q5
19
18
Q6
17
Q4
Q5
Q6
VDD
1
CLK_SEL
2
3
CLK0
4
5
CLK1
6
7
GND
8
CLK0
NC
CLK1
Exposed
GND Pad
VDD
1
CLK_SEL
2
3
CLK0
4
5
CLK1
6
7
GND
8
CLK0
NC
CLK1
Q3
24
Q3
23
22
Q4
21
20
Q5
19
18
Q6
17
Q4
Q5
Q6
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
Exposed
GND Pad


Número de pieza similar - SI53321

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si53321-B-GM SILABS-Si53321-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53321-B-GM SKYWORKS-SI53321-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
logo
Silicon Laboratories
Si53321-B-GQ SILABS-Si53321-B-GQ Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53321-B-GQ SKYWORKS-SI53321-B-GQ Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Descripción similar - SI53321

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Silicon Laboratories
SI53315 SILABS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com