Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53325 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI53325
Descripción Electrónicos  DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53325 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI53325 Datasheet HTML 2Page - Silicon Laboratories SI53325 Datasheet HTML 3Page - Silicon Laboratories SI53325 Datasheet HTML 4Page - Silicon Laboratories SI53325 Datasheet HTML 5Page - Silicon Laboratories SI53325 Datasheet HTML 6Page - Silicon Laboratories SI53325 Datasheet HTML 7Page - Silicon Laboratories SI53325 Datasheet HTML 8Page - Silicon Laboratories SI53325 Datasheet HTML 9Page - Silicon Laboratories SI53325 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Si53325
6
Rev. 1.0
Table 8. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Unit
32-eLQFP Thermal
Resistance, Junction to
Ambient
JA
Still air
54.9
°C/W
32-eLQFP Thermal
Resistance, Junction to
Case
JC
Still air
10.0
°C/W
32-QFN Thermal
Resistance, Junction to
Ambient
JA
Still air
99.6
°C/W
32-QFN Thermal
Resistance, Junction to
Case
JC
Still air
10.3
°C/W
Table 9. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage Temperature
TS
–55
150
C
Supply Voltage
VDD
–0.5
3.8
V
Input Voltage
VIN
–0.5
VDD+
0.3
V
Output Voltage
VOUT
——
VDD+
0.3
V
ESD Sensitivity
HBM
HBM, 100 pF, 1.5 kΩ
2000
V
ESD Sensitivity
CDM
500
V
Peak Soldering Reflow
Temperature
TPEAK
Pb-Free; Solder reflow profile per
JEDEC J-STD-020
260
C
Maximum Junction
Temperature
TJ
125
C
Note:
Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.


Número de pieza similar - SI53325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si53325-B-GM SILABS-Si53325-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53325-B-GM SKYWORKS-SI53325-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
logo
Silicon Laboratories
Si53325-B-GQ SILABS-Si53325-B-GQ Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53325-B-GQ SKYWORKS-SI53325-B-GQ Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Descripción similar - SI53325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com