Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP04NZ Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SL23EP04NZ
Descripción Electrónicos  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04NZ Datasheet(HTML) 1 Page - Silicon Laboratories

  SL23EP04NZ Datasheet HTML 1Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 2Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 3Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 4Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 5Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 6Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 7Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 8Page - Silicon Laboratories SL23EP04NZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.1, May 2, 2008
Page 1 of 11
2400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL23EP04NZ
Key Features
• DC to 220 MHz operating frequency range
• Low output clock skew: 60ps-typ
• Low part-to-part output skew: 80 ps-typ
• 3.3V to 2.5V operation supply voltage range
• Low power dissipation:
- 10 mA-typ at 66MHz at VDD=3.3V
- 9 mA-typ at 66MHz at VDD=2.5V
• One input to four output fanout buffer drivers
• Output Enable (OE) control function
• Available in 8-pin TSSOP package
• Available in Commercial and Industrial grades
• Available in Lead (Pb) free package
Applications
• General Purpose PCI/PCI-X Clock Buffer
• Printers, MFPs and Digital Copiers
• PCs and Work Stations
• Routers, Switchers and Servers
• Datacom and Telecom
• High-Speed Digital Embeded Systems
Description
The SL23EP04NZ is a low skew, jitter and power fanout
buffer designed to produce up to four (4) clock outputs
from one (1) reference input clock, for high speed clock
distribution, including PCI/PCI-X applications.
The SL23EP04NZ products operate from DC to 220MHz.
The only difference between SL23EP04-1 and
SL23EP04NZ-1Z is the OE logic implementation. Refer to
the Available OE Logic Configuration Table. 1
Benefits
• Up to four (4) distribution of input clock
• Low propagation delay
• Low output-to-output skew
• Low output jitter
• Low power dissipation
Block Diagram
Logic
Control
CLK1
CLK2
CLK3
CLK4
CLKIN
OE
GND
VDD
Low Jitter and Skew DC to 220 MHz Clock Buffer


Número de pieza similar - SL23EP04NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1T SPECTRALINEAR-SL23EP04NZZC-1T Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1Z SPECTRALINEAR-SL23EP04NZZC-1Z Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1ZT SPECTRALINEAR-SL23EP04NZZC-1ZT Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Descripción similar - SL23EP04NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com