Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL23EP04NZZI-1ZT Datasheet(PDF) 11 Page - Silicon Laboratories |
|
SL23EP04NZZI-1ZT Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 11 page Rev 2.1, May 2, 2008 Page 11 of 11 SL23EP04NZ SL23EP04NZZC-1 SL23EP04NZC-1 Tube 8-pin TSSOP 0 to 70°C SL23EP04NZZC-1T SL23EP04NZC-1 Tape and Reel 8-pin TSSOP 0 to 70°C SL23EP04NZZI-1 SL23EP04NZI-1 Tube 8-pin TSSOP -40 to 85°C SL23EP04NZZI-1T SL23EP04NZI-1 Tape and Reel 8-pin TSSOP -40 to 85°C SL23EP04NZZC-1Z SL23EP04NZC-1Z Tube 8-pin TSSOP 0 to 70°C SL23EP04NZZC-1ZT SL23EP04NZC-1Z Tape and Reel 8-pin TSSOP 0 to 70°C SL23EP04NZZI-1Z SL23EP04NZI-1Z Tube 8-pin TSSOP -40 to 85°C SL23EP04NZZI-1ZT SL23EP04NZI-1Z Tape and Reel 8-pin TSSOP -40 to 85°C Notes: 1. The SL23EP04NZ products are RoHS compliant. The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice. Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed features or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in applications intended to support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could create a situation where personal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such unintended or unauthorized application, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages. |
Número de pieza similar - SL23EP04NZZI-1ZT |
|
Descripción similar - SL23EP04NZZI-1ZT |