Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP08SC-1H Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SL23EP08SC-1H
Descripción Electrónicos  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-1H Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL23EP08SC-1H Datasheet HTML 2Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 3Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 4Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 5Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 6Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 9Page - Silicon Laboratories SL23EP08SC-1H Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev 1.0, May 18, 2006
Page 6 of 15
SL23EP08
DC Electrical Specifications (VDD=3.3V): Unless otherwise stated for both C and I Grades
DC Electrical Specifications (VDD=2.5V): Unless otherwise stated for both C and I Grades
Symbol
Description
Condition
Min.
Max.
Unit
VDD
Supply Voltage
2.970
3.630
V
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
VDD+0.3
V
IIL
Input Leakage Current
0 < VIN < 0.8V
±10
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
IOL = 8 mA (standard drive)
0.4
V
IOL = 12 mA (high drive)
0.4
V
VOH
Output HIGH Voltage
IOH = –8 mA (standard drive)
2.4
V
IOH = –12 mA (high drive)
2.4
V
IDDPD
Power Down Supply Current
CLKIN<2MHz
CLKIN = 0 MHz (C-Grade)
12
µA
CLKIN = 0 MHz (I-Grade)
25
µA
IDD
Power Supply Current
All Outputs CL=0, 66-MHz CLKIN
20
mA
Symbol
Description
Condition
Min.
Max.
Unit.
VDD
Supply Voltage
2.3
2.7
V
VIL
Input LOW Voltage
0.7
V
VIH
Input HIGH Voltage
1.7
VDD+ 0.3
V
IIL
Input Leakage Current
0<VIN < 0.8V
10
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
IOL = 8 mA (standard drive)
0.5
V
IOL = 12 mA (high drive)
0.5
V
VOH
Output HIGH Voltage
IOH = –8 mA (standard drive)
VDD – 0.6
V
IOH = –12 mA (high drive)
VDD – 0.6
V
IDDPD
Power Down Supply Current
CLKIN<2MHz
CLKIN = 0 MHz (C-Grade)
12
µA
CLKIN = 0 MHz (I-Grade)
25
µA
IDD
Power Supply Current
All Outputs CL=0, 66-MHz CLKIN
18
mA


Número de pieza similar - SL23EP08SC-1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL23EP08SC-1H SPECTRALINEAR-SL23EP08SC-1H Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08SC-1HT SPECTRALINEAR-SL23EP08SC-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Descripción similar - SL23EP08SC-1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com