Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI88420BD-IS Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI88420BD-IS
Descripción Electrónicos  DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88420BD-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI88420BD-IS Datasheet HTML 1Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 2Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 3Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 4Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 5Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 6Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 7Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 8Page - Silicon Laboratories SI88420BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Si88x2x
4
Rev. 0.5
Line Regulation
VOUT(line)/VDDP
See Figure 2
ILOAD = 50 mA
VDDP varies from 4.5 to 5.5 V
1mV/V
Load Regulation
VOUT(load)/VOUT
See Figure 2
ILOAD = 50 to 400 mA
0.1
%
Output Voltage
Ripple
Si8822x, Si8832x
Si8842x, Si8862x
ILOAD = 100 mA
See Figure 2
See Figure 3
100
mV p-p
Turn-on overshoot
VOUT(start)
See Figure 2
CIN = COUT = 0.1
μF in
parallel with 10
μF,
ILOAD = 0 A
2%
Continuous Output
Current
Si8822x, Si8832x
5.0 V to 5.0 V
3.3 V to 3.3 V
3.3 V to 5.0 V
5.0 V to 3.3 V
Si8842x, Si8862x
24.0 to 5.0 V
24.0 to 3.3 V
ILOAD(max)
See Figure 2
400
400
250
550
1000
1500
mA
Cycle-by-cycle aver-
age current limit
Si8822x, Si8832x
ILIM
See Figure 2
Output short circuited
3A
No Load Supply Cur-
rent IDDP
Si8822x, Si8832x
IDDPQ_DCDC3
See Figure 2
VDDP = VDDA = 5 V
30
mA
No Load Supply Cur-
rent IDDA
Si8822x, Si8832x
IDDAQ_DCDC4
See Figure 2
VDDP = VDDA = 5 V
5.7
mA
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8822x/32x; VDDA = 4.3 V (see Figure 3) for all Si8842x/62x;
TA = –40 to 125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Número de pieza similar - SI88420BD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI88420BD-IS SKYWORKS-SI88420BD-IS Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
More results

Descripción similar - SI88420BD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
   QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADM3260 AD-ADM3260 Datasheet
456Kb / 19P
   Hot Swappable, Dual I2C Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com