Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2304NZZI-1ZT Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SL2304NZZI-1ZT
Descripción Electrónicos  Low Jitter and Skew DC to 140MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2304NZZI-1ZT Datasheet(HTML) 9 Page - Silicon Laboratories

  SL2304NZZI-1ZT Datasheet HTML 1Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 2Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 3Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 4Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 5Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 6Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 7Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 8Page - Silicon Laboratories SL2304NZZI-1ZT Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev 2.1, May 6, 2008
Page 9 of 9
SL2304NZ
Ordering Information
[1]
Ordering Number
Marking
Shipping
Package
Package
Temperature
SL2304NZZC-1
SL2304NZC-1
Tube
8-pin TSSOP
0 to 70°C
SL2304NZZC-1T
SL2304NZC-1
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2304NZZI-1
SL2304NZI-1
Tube
8-pin TSSOP
-40 to 85°C
SL2304NZZI-1T
SL2304NZI-1
Tape and Reel
8-pin TSSOP
-40 to 85°C
SL2304NZZC-1Z
SL2304NZC-1Z
Tube
8-pin TSSOP
0 to 70°C
SL2304NZZC-1ZT
SL2304NZC-1Z
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2304NZZI-1Z
SL2304NZI-1Z
Tube
8-pin TSSOP
-40 to 85°C
SL2304NZZI-1ZT
SL2304NZI-1Z
Tape and Reel
8-pin TSSOP
-40 to 85°C
Notes:
1. The SL2304NZ products are RoHS compliant.
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without
notice. Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences
resulting from the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning
of undescribed features or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon
Laboratories makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor
does Silicon Laboratories assume any liability arising out of the application or use of any product or circuit, and specifically disclaims
any and all liability, including without limitation consequential or incidental damages. Silicon Laboratories products are not designed,
intended, or authorized for use in applications intended to support or sustain life, or for any other application in which the failure of
the Silicon Laboratories product could create a situation where personal injury or death may occur. Should Buyer purchase or use
Silicon Laboratories products for any such unintended or unauthorized application, Buyer shall indemnify and hold Silicon
Laboratories harmless against all claims and damages.


Número de pieza similar - SL2304NZZI-1ZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL2304NZZI-1ZT SPECTRALINEAR-SL2304NZZI-1ZT Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
More results

Descripción similar - SL2304NZZI-1ZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com