Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1003IG5T Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza TS1003IG5T
Descripción Electrónicos  THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1003IG5T Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button TS1003IG5T Datasheet HTML 3Page - Silicon Laboratories TS1003IG5T Datasheet HTML 4Page - Silicon Laboratories TS1003IG5T Datasheet HTML 5Page - Silicon Laboratories TS1003IG5T Datasheet HTML 6Page - Silicon Laboratories TS1003IG5T Datasheet HTML 7Page - Silicon Laboratories TS1003IG5T Datasheet HTML 8Page - Silicon Laboratories TS1003IG5T Datasheet HTML 9Page - Silicon Laboratories TS1003IG5T Datasheet HTML 10Page - Silicon Laboratories TS1003IG5T Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TS1003
TS1003 Rev. 1.0
Page 7
PIN FUNCTIONS
Pin
Label
Function
1
OUT
Amplifier Output.
2
VSS
Negative Supply or Analog GND. If applying a negative voltage to
this pin, connect a 0.1µF capacitor from this pin to analog GND.
3
+IN
Amplifier Non-inverting Input.
4
-IN
Amplifier Inverting Input.
5
VDD
Positive Supply Connection. Connect a 0.1µF bypass capacitor
from this pin to analog GND.
THEORY OF OPERATION
The TS1003 is fully functional for an input signal
from the negative supply (VSS or GND) to the
positive supply (VDD). The input stage consists of two
differential amplifiers, a p-channel CMOS stage and
an n-channel CMOS stage that are active over
different ranges of the input common mode voltage.
The p-channel input pair is active for input common
mode voltages, VINCM, between the negative supply
to approximately 0.4V below the positive supply. As
the common-mode input voltage moves closer
towards VDD, an internal current mirror activates the
n-channel input pair differential pair. The p-channel
input pair becomes inactive for the balance of the
input common mode voltage range up to the positive
supply. Because both input stages have their own
offset voltage (VOS) characteristic, the offset voltage
of the TS1003 is a function of the applied input
common-mode voltage, VINCM. The VOS has a
crossover point at ~0.4V from VDD (Refer to the VOS
vs.
VCM
curve
in
the
Typical
Operating
Characteristics section). Caution should be taken in
applications where the input signal amplitude is
comparable to the TS1003’s VOS value and/or the
design requires high accuracy. In these situations, it
is necessary for the input signal to avoid the
crossover point. In addition, amplifier parameters
such as PSRR and CMRR which involve the input
offset voltage will also be affected by changes in the
input common-mode voltage across the differential
pair transition region.
The second stage is a folded-cascode transistor
arrangement that converts the input stage
differential signals into a single-ended output. A
complementary drive generator supplies current to
the output transistors that swing rail to rail.
The TS1003 output stages voltage swings within
3.7mV from the rails at 1.8V supply when driving an
output load of 100kΩ - which provides the maximum
possible dynamic range at the output. This is
particularly important when operating on low supply
voltages. When driving a stiffer 10kΩ load, the
TS1003 swings within 30mV of VDD and within 13mV
of VSS or GND.
APPLICATIONS INFORMATION
Portable Gas Detection Sensor Amplifier
Gas sensors are used in many different industrial
and medical applications. Gas sensors generate a
current that is proportional to the percentage of a
particular gas concentration sensed in an air
sample. This output current flows through a load
resistor and the resultant voltage drop is amplified.
Depending on the sensed gas and sensitivity of the
sensor, the output current can be in the range of
tens of microamperes to a few milliamperes. Gas
sensor datasheets often specify a recommended
load resistor value or a range of load resistors from
which to choose.
There are two main applications for oxygen sensors
– applications which sense oxygen when it is
abundantly present (that is, in air or near an oxygen
tank) and those which detect traces of oxygen in
parts-per-million
concentration.
In
medical
applications, oxygen sensors are used when air
quality or oxygen delivered to a patient needs to be
monitored. In fresh air, the concentration of oxygen
is 20.9% and air samples containing less than 18%
oxygen are considered dangerous. In industrial
applications, oxygen sensors are used to detect the


Número de pieza similar - TS1003IG5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1003IJ5T TOUCHSTONE-TS1003IJ5T Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5TP TOUCHSTONE-TS1003IJ5TP Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
More results

Descripción similar - TS1003IG5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com