Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI4745 Datasheet(PDF) 1 Page - Silicon Laboratories |
|
SI4745 Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 302 page Rev. 1.0 9/14 Copyright © 2014 by Silicon Laboratories AN332 AN332 Si47 XX P ROGRAMMING G UIDE 1. Introduction This document provides an overview of the programming requirements for the Si4704/05/06/07/1x/2x/3x/4x/84/85 FM transmitter/AM/FM/SW/LW/WB receiver. The hardware control interface and software commands are detailed along with several examples of the required steps to configure the device for various modes of operation. 2. Overview This family of products is programmed using commands and responses. To perform an action, the system controller writes a command byte and associated arguments, causing the device to execute the given command. The device will, in turn, provide a response depending on the type of command that was sent. Section "4. Commands and Responses" on page 6 and section "5. Commands and Properties" on page 7 describe the procedures for using commands and responses and provide complete lists of commands, properties, and responses. The device has a slave control interface that allows the system controller to send commands to and receive responses from the device using one of three serial protocols (or bus modes): 2-wire mode (I2C and SMBUS compatible), 3-wire mode, or SPI mode. Section "6. Control Interface" on page 206 describes the control interface in detail. Section "7. Powerup" on page 214 describes options for the sequencing of VDD and VIO power supplies, selection of the desired bus mode, provision of the reference clock, RCLK, and sending of the POWER_UP command. Section "8. Powerdown" on page 221 describes sending the POWER_DOWN command and removing VDD and VIO power supplies as necessary. Section "9. Digital Audio Interface" on page 222 describes the digital audio format supported and how to operate the device in digital mode. Section "10. Timing" on page 225 describes the CTS (Clear to Send) timing indicating when the command has been accepted and in most cases completed execution, and the STC (Seek/Tune Complete) timing indicating when the Seek/Tune commands have completed execution. Section "11. FM Transmitter" on page 231 describes the audio dynamic range control, limiter, pre-emphasis, recommendations for maximizing audio volume for the FM transmitter. Section "12. Programming Examples" on page 235 provides flowcharts and step-by-step procedures for programming the device. |
Número de pieza similar - SI4745 |
|
Descripción similar - SI4745 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |