Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4743 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI4743
Descripción Electrónicos  Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4743 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4743 Datasheet HTML 1Page - Silicon Laboratories SI4743 Datasheet HTML 2Page - Silicon Laboratories SI4743 Datasheet HTML 3Page - Silicon Laboratories SI4743 Datasheet HTML 4Page - Silicon Laboratories SI4743 Datasheet HTML 5Page - Silicon Laboratories SI4743 Datasheet HTML 6Page - Silicon Laboratories SI4743 Datasheet HTML 7Page - Silicon Laboratories SI4743 Datasheet HTML 8Page - Silicon Laboratories SI4743 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AN400
4
Rev. 0.5
2. Si474x 4x4 mm QFN Schematic and Layout
This section describes the minimum schematic and layout options required for optimal Si474x performance.
Population options are provided to support layouts for different audio output options and mitigation of system noise.
2.1. Si474x 4x4 mm Design
C1 (22 nF) is a required bypass capacitor for VDD supply pin 13. Place C1 as close as possible to VDD pin 13 and
GND pin 14. Place a VIA connecting C1 VDD supply to the power rail such that the cap is closer to the Si474x than
the VIA. Route C1 GND directly and only to GND pin 14 with a wide, low-inductance trace. These
recommendations are made to reduce the size of the current loop created by the bypass cap and routing, minimize
bypass cap impedance, and return all currents to the GND pad.
C13 (22 nF), C17 (100 µF), and C19 (0.1 µF) are optional bypass capacitors for the VIO supply pin 12 and may be
placed to mitigate supply noise. Place C13, C17, and C19 as close as possible to the VIO pin 12 and the GND pin
14. Place VIAs connecting C13, C17, and C19 VIO supply to the power rail such that the capacitors are closer to
the Si474x than the VIAs. Route C13, C17, and C19 GND directly and only to GND pin 14 with wide, low-
inductance traces. These recommendations are made to reduce the size of the current loop created by the bypass
capacitors and routing, minimize bypass cap impedance, and return all currents to the GND pad.
C2 (2 pF) is a required shunt capacitor from the DFS pin to ground when using digital audio output (Si4741/43/45
only), and is used to prevent degradation of audio quality. Place the capacitor as close as possible to the DFS pin.
C6 (0.1 µF) and C18 (100 µF) are optional bypass capacitors to mitigate system noise in AM and FM frequencies.
Route them the same way as C1.
C8 and C9 (0.39 µF) are ac coupling capacitors for analog audio output from ROUT pin 15 and LOUT pin 16. The
input resistance of the amplifier and the capacitor will set the high-pass pole given by Equation 1. Placement
location is not critical.
Equation 1. High-Pass Pole Calculation
R12, R14, R26, R29, and R30 (25
to 2 k) are optional series termination resistors used to mitigate system
noise. The recommended value of the resistors is 2 k
 for optimal edge rate and noise suppression. Confirm that
timing requirements are met with the selected series termination resistor value. Place the series termination
resistors, R12, R14, R21, R24, R26, R29, and R30, as close to the host controller as possible.
R21 and R24 (25
 to 2 k) are optional series termination resistors used to mitigate system noise. The
recommended value of the resistors is 2 k
 for optimal edge rate and noise suppression. Confirm that timing
requirements are met with the selected series termination resistor value. Place the series termination resistors,
R21 and R24 as close to the chip input as possible.
R17 and R20 (22 k
) are optional pull-up resistors for the RSTB and SENB lines. The size of pull-up resistor value
will vary based on the number of devices, capacitance, and speed of the bus. Placement location is not critical.
R27 and R28 (22 k
) are optional pull-up resistors for the SCLK and SDIO lines required only when using an I2C
bus. The size of pull-up resistor value will vary based on the number of devices, capacitance, and speed of the bus.
Placement location is not critical. Refer to the I2C specification for additional design information.
R16 (25
to 2 k) is a required series termination resistor when using digital audio output (Si4741/43/45 only) and
is used to mitigate noise from the digital data routed from DOUT pin 17. The recommended value of the resistor is
604
 for optimal edge rate and noise suppression. Confirm that timing requirements are met with the selected
series termination resistor value. Place R16 as close to pin 17 as possible.
R15 (25
to 2 k) is a required series termination resistor when using digital audio (Si4741/43/45 only) and is
used to mitigate noise from the digital clock routed to GPO3/DCLK pin 19. The recommended value of the resistor
is 2 k
 for optimal edge rate and noise suppression. Confirm that timing requirements are met with the selected
series termination resistor value. Place R15 as close to the host controller as possible. Choosing a DCLK
frequency that is above the AM band reduces the chances of having DCLK harmonics that fall in the AM band and
create digital noise.
f
c
1
2
RC
----------------
=


Número de pieza similar - SI4743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4743 SILABS-SI4743 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4743 SILABS-SI4743 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4743 SILABS-SI4743 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4743 SILABS-Si4743 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Descripción similar - SI4743

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com