Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4710 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4710
Descripción Electrónicos  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4710 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4710 Datasheet HTML 7Page - Silicon Laboratories SI4710 Datasheet HTML 8Page - Silicon Laboratories SI4710 Datasheet HTML 9Page - Silicon Laboratories SI4710 Datasheet HTML 10Page - Silicon Laboratories SI4710 Datasheet HTML 11Page - Silicon Laboratories SI4710 Datasheet HTML 12Page - Silicon Laboratories SI4710 Datasheet HTML 13Page - Silicon Laboratories SI4710 Datasheet HTML 14Page - Silicon Laboratories SI4710 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AN388
Rev. 0.2
11
2.2.4. FM Tuner and EVB CODEC/SPDIF Settings in Digital Mode
These settings are only applicable to Si4704/05/2x/3x tuners and their EVBs whenever digital audio output is
selected.
2.2.4.1. Si4704/05/2x/3x/4x Standard Configuration in Digital Audio Output Mode
1. Set frequency = 98.1 MHz.
2. Set stereo blend mono threshold = 127.
3. Set AGC override = Off.
4. Set volume = 63.
5. Set de-emphasis = 75 µs.
6. Set soft mute attenuation = 0.
7. Set digital mono mode enable = On.
8. Set digital format = I2S.
9. Set digital sample precision = 24 bit.
10.Set digital sample rate = 48000.
11. Set CODEC precision = 24 bit.
a. Set CODEC output format = I2S.
b. Set CODEC sampling rate = 48 kHz.
c. Set SPDIF output format = I2S.
2.2.4.2. Other Settings in Digital Audio Output Mode
AGC and RDS settings are the same as analog mode.
To set the stereo mode:
1. Set stereo blend mono threshold = 0.
2. Set stereo blend stereo threshold = 0.
3. Set digital mono mode enable = Off.


Número de pieza similar - SI4710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4710 SILABS-SI4710 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4710 SILABS-SI4710 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4710 SILABS-Si4710 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4710-B30 SILABS-SI4710-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results

Descripción similar - SI4710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Monolithic Power System...
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com