Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4739 Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI4739
Descripción Electrónicos  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4739 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4739 Datasheet HTML 5Page - Silicon Laboratories SI4739 Datasheet HTML 6Page - Silicon Laboratories SI4739 Datasheet HTML 7Page - Silicon Laboratories SI4739 Datasheet HTML 8Page - Silicon Laboratories SI4739 Datasheet HTML 9Page - Silicon Laboratories SI4739 Datasheet HTML 10Page - Silicon Laboratories SI4739 Datasheet HTML 11Page - Silicon Laboratories SI4739 Datasheet HTML 12Page - Silicon Laboratories SI4739 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AN388
Rev. 0.2
9
Figure 3. Si474x FM Tuner Setup
2.1. FM Tuner Testing Measurement Considerations
Several issues must be considered to make accurate measurements.
First, the power combiner and cable losses must be calibrated and factored into each measurement. The loss for
the Mini-Circuit power combiner is approximately 6 dB.
Second, most signal generators display the voltage generated at the input of the device under test (DUT) assuming
an input resistance of 50
. For example, if the signal generator displays V
L = 1 µV (0 dBµV), the generator source
voltage VS is 2 µV (6 dBµV). The load voltage VL is generated from the source voltage VS by the voltage divider
created by the 50
 generator source resistance R
S and the 50  load resistance RL. This distinction is important
only for sensitivity, RDS sensitivity, and IP3, which are specified in µV electromotive force (EMF), where EMF
refers to the source voltage VS. Measurements such as AM suppression, selectivity, and spurious response are
relative and may be referenced using VS or VL. To summarize, the generator displays the voltage at the input of the
DUT. In the case of Si47xx FM tuner, input impedance is high; therefore, to convert the value displayed on the
signal generator to EMF, double the voltage (add 6 dB).
Si47xx
Base board
Si474x
AM/FM Receiver
Daughter board
R&S SML01 Generator 1
Audio
Analyzer
RXS
PC
with USB
port
RCA OUT
USB
J79
USB Cable
RCA Cable
EXT pwr
USB pwr
EXT Jack
SW1
J76
J78
J6
R&S SML01 Generator 2
Agilent
E3646A
Power Supply
1
2
3
4
CH
1
CH
2
Power Connector
1. VMCU
2. VIO
3. VDD
4. GND
Power
Combiner
Digital Audio IN.
J30
Line
SPDIF
OUT
J2


Número de pieza similar - SI4739

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4739 SILABS-Si4739 Datasheet
194Kb / 24P
   BROADCAST MULTI-BAND RADIO RECEIVER
SI4739 SILABS-SI4739 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4739 SILABS-SI4739 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4739 SILABS-Si4739 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4739-B20 SILABS-SI4739-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Descripción similar - SI4739

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Monolithic Power System...
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com