Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4836 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI4836
Descripción Electrónicos  Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4836 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4836 Datasheet HTML 2Page - Silicon Laboratories SI4836 Datasheet HTML 3Page - Silicon Laboratories SI4836 Datasheet HTML 4Page - Silicon Laboratories SI4836 Datasheet HTML 5Page - Silicon Laboratories SI4836 Datasheet HTML 6Page - Silicon Laboratories SI4836 Datasheet HTML 7Page - Silicon Laboratories SI4836 Datasheet HTML 8Page - Silicon Laboratories SI4836 Datasheet HTML 9Page - Silicon Laboratories SI4836 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
AN738
6
Rev. 0.2
2.2. Band Selection
Refer to Figure 1 for the band selection circuits. Selecting a band determines the resistance value from the band
select pin to GND.
To select a specific band, you need to ensure two things:
1. Total value of resistance from the BAND to GND is equal to the value specified in Table 2.
2. Total resistance from TUNE1 to GND is 500 k
 in 1% tolerance.
The following sections describe some commonly used bands and their respective selection circuits.
2.2.1. Typical 12-band application
Table 4 and Figure 1 illustrate the band and resistor value details for a typical 12-band application for Si4836-A.
.
Table 4. Typical 12-Band Selection
Band
Number
Band
Name
Band Frequency Range
De-emphasis (FM)
Channel Space
(AM)
Stereo LED on
Conditions (Only for
Si4836-A)
Total R to
GND (K
,
1%)
Band3
FM3
87–108 MHz
75 µs
Separation = 6 dB,
RSSI = 20
67
Band17
FM17
64–108 MHz
50 µs
Separation = 6 dB,
RSSI = 20
207
Band19
AM1
520–1710 kHz
10 k
227
Band20
AM2
522–1620 kHz
9 k
237
Band25
SW2
SW Wide
Band
SW Narrow Band
287
3.2–7.6 MHz
3.20–3.40 MHz
Band26
SW3
3.2–10.0 MHz
3.90–4.00 MHz
297
Band32
SW9
5.9–18.0 MHz
9.2–10 MHz
357
Band33
SW10 7.0–16.0 MHz 11.45–12.25 MHz
367
Band34
SW11 7.0–23.0 MHz
11.6–12.2 MHz
377
Band36
SW13 9.0–22.0 MHz 13.57–13.87 MHz
397
Band37
SW14 9.5–18.0 MHz
15–15.9 MHz
407
Band39
SW16
10.0–
22.0 MHz
17.48–17.9 MHz
427


Número de pieza similar - SI4836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4836 SILABS-SI4836 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4836-A10-GS SKYWORKS-SI4836-A10-GS Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
More results

Descripción similar - SI4836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com