Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4701-EVB Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4701-EVB
Descripción Electrónicos  Si4700/01/02/03 EVALUATION BOARD USER?셎 GUIDE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4701-EVB Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4701-EVB Datasheet HTML 4Page - Silicon Laboratories SI4701-EVB Datasheet HTML 5Page - Silicon Laboratories SI4701-EVB Datasheet HTML 6Page - Silicon Laboratories SI4701-EVB Datasheet HTML 7Page - Silicon Laboratories SI4701-EVB Datasheet HTML 8Page - Silicon Laboratories SI4701-EVB Datasheet HTML 9Page - Silicon Laboratories SI4701-EVB Datasheet HTML 10Page - Silicon Laboratories SI4701-EVB Datasheet HTML 11Page - Silicon Laboratories SI4701-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Si4700/01/02/03-EVB
8
Rev. 0.9
Table 1. EVB Configuration Matrix
#
Configuration
Variable
Value of Configuration
Variable
Hardware Changes
Constraints
1
Reference clock
source
Oscillator on baseboard.
None (Default option).
None
2
Reference clock
source
External clock through J6.
Depopulate R19 and popu-
late R21 with a 0
 resistor.
32.768 kHz, CMOS switch-
ing levels at VIO supply level.
3
Reference clock
source
On-chip internal oscillator
utilizing crystal on daugh-
ter card.
Depopulate R2 and R3 from
bottom of Si4700/01/02/03
daughter card.
GPIO3 is no longer available
and XOSCEN must be
selected when starting the
GUI.
4*
Power supply
source
USB; J1.
Position switch, SW1, to
USB POWER.
Cannot supply any voltages
via J4.
5*
Power supply
source
Power brick; J7.
Position switch, SW1, to
EXT POWER.
Cannot supply any voltages
via J4. Power brick must sup-
ply 5–26 V.
6*
Power supply
source
Bench supply; J4.
Depopulate R1, R2, and
R4.
See Section 3.1.3.
7
VIO source
Output of U2.
None (Default option).
5–26 V input using configura-
tion option 4, 5, or 6.
8
VIO source
Direct from VMCU/VIO
terminal of J4.
Depopulate U2 and popu-
late R30 with a 0
 resistor.
3.0–3.6 V input at VMCU/VIO
terminal of J4. Can only be
used in conjunction with con-
figuration option #6.
9
VA/VD source
Output of U3.
None (Default option).
5–26 V input using configura-
tion option 4, 5, or 6.
10
VA/VD source
Direct from VRADIO
terminal of J5.
Depopulate R14 and popu-
late R25 with a 0
 resistor.
2.7–5.5 V input at VMCU/VIO
terminal of J4. Can only be
used in conjunction with
configuration option #6.
*Note: For more information, see Section "3.1.3. Power Supply Network" on page 5.


Número de pieza similar - SI4701-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4701 SILABS-SI4701 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4701 SILABS-SI4701 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4701 SILABS-SI4701 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4701 SILABS-SI4701 Datasheet
1Mb / 16P
   Describe the high-level differences between RDS and RBDS
SI4701 SILABS-SI4701 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
More results

Descripción similar - SI4701-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
   Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com