Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4704-D60 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4704-D60
Descripción Electrónicos  BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4704-D60 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4704-D60 Datasheet HTML 7Page - Silicon Laboratories SI4704-D60 Datasheet HTML 8Page - Silicon Laboratories SI4704-D60 Datasheet HTML 9Page - Silicon Laboratories SI4704-D60 Datasheet HTML 10Page - Silicon Laboratories SI4704-D60 Datasheet HTML 11Page - Silicon Laboratories SI4704-D60 Datasheet HTML 12Page - Silicon Laboratories SI4704-D60 Datasheet HTML 13Page - Silicon Laboratories SI4704-D60 Datasheet HTML 14Page - Silicon Laboratories SI4704-D60 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Si4704/05-D60
Rev. 1.2
11
Figure 6. Digital Audio Interface Timing Parameters, I2S Mode
Table 6. Digital Audio Interface Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DCLK Cycle Time
tDCT
26
1000
ns
DCLK Pulse Width High
tDCH
10
ns
DCLK Pulse Width Low
tDCL
10
ns
DFS Set-up Time to DCLK Rising Edge
tSU:DFS
5—
ns
DFS Hold Time from DCLK Rising Edge
tHD:DFS
5—
ns
DOUT Propagation Delay from DCLK Falling
Edge
tPD:DOUT
0—
50
ns
DCLK
DFS
tDCT
tPD:OUT
tSU:DFS
tHD:DFS
DOUT
tDCH
tDCL


Número de pieza similar - SI4704-D60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
Si4704-D60-GM SILABS-Si4704-D60-GM Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60-GM SKYWORKS-SI4704-D60-GM Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
SI4704-D60-GU SKYWORKS-SI4704-D60-GU Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
Si4704-D60-GU2 SILABS-Si4704-D60-GU2 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
More results

Descripción similar - SI4704-D60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com