Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ20502EVM Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LMZ20502EVM
Descripción Electrónicos  LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMZ20502EVM Datasheet(HTML) 1 Page - Texas Instruments

  LMZ20502EVM Datasheet HTML 1Page - Texas Instruments LMZ20502EVM Datasheet HTML 2Page - Texas Instruments LMZ20502EVM Datasheet HTML 3Page - Texas Instruments LMZ20502EVM Datasheet HTML 4Page - Texas Instruments LMZ20502EVM Datasheet HTML 5Page - Texas Instruments LMZ20502EVM Datasheet HTML 6Page - Texas Instruments LMZ20502EVM Datasheet HTML 7Page - Texas Instruments LMZ20502EVM Datasheet HTML 8Page - Texas Instruments LMZ20502EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
User's Guide
SNVU181 – February 2012
LMZ20502 SIMPLE SWITCHER® Evaluation Board
1
Introduction
The LMZ20501/02 nano modules are easy-to-use DC-DC converters optimized for space-constrained
applications. The LMZ20502 is capable of delivering up to 2A with excellent power conversion efficiency,
output voltage accuracy, line and load regulation, and load transient response. The LMZ20501 is a 1.0A
version, that is pin-to-pin compatible with the LMZ20502.
This engineering evaluation board is designed for rapid prototyping with large pads and extra components.
In addition, jumpers are provided to allow the user to enable the converter and select the operating mode.
A jumper for connecting a network analyzer is also provided, to measure regulator loop response. Please
refer to Figure 1 for the schematic of the EVM.
2
Specifications
V
IN = 2.7V to 5.5V
V
OUT = 1.8V
I
OUT = 1A (LMZ20501)
I
OUT = 2A (LMZ20502)
2.7cm x 6.4 cm overall PCB size
Figure 1. EVM Schematic
1
SNVU181 – February 2012
LMZ20502 SIMPLE SWITCHER® Evaluation Board
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - LMZ20502EVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
LMZ20502 TI1-LMZ20502 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LMZ20502SILR TI1-LMZ20502SILR Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LMZ20502SILT TI1-LMZ20502SILT Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
More results

Descripción similar - LMZ20502EVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
logo
Texas Instruments
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com