Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4707-B20 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI4707-B20
Descripción Electrónicos  WEATHER BAND AND SAME DATA RECEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4707-B20 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4707-B20 Datasheet HTML 1Page - Silicon Laboratories SI4707-B20 Datasheet HTML 2Page - Silicon Laboratories SI4707-B20 Datasheet HTML 3Page - Silicon Laboratories SI4707-B20 Datasheet HTML 4Page - Silicon Laboratories SI4707-B20 Datasheet HTML 5Page - Silicon Laboratories SI4707-B20 Datasheet HTML 6Page - Silicon Laboratories SI4707-B20 Datasheet HTML 7Page - Silicon Laboratories SI4707-B20 Datasheet HTML 8Page - Silicon Laboratories SI4707-B20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Si4707-B20
Rev. 0.8
5
Table 3. DC Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IFM
—19.1
23
mA
Interface Supply Current
IIO
—320
600
µA
VDD Powerdown Current
1
IDDPD
—10
20
µA
VIO Powerdown Current
1
IIOPD
SCLK, RCLK inactive
1
10
µA
High Level Input Voltage2
VIH
0.7 x VIO
V
Low Level Input Voltage2
VIL
——
0.3 x VIO
V
High Level Input Current2
IIH
VIN = VIO = 3.6 V
–10
10
µA
Low Level Input Current2
IIL
VIN =0V,
VIO =3.6 V
–10
10
µA
High Level Output Voltage3
VOH
IOUT = 500 µA
0.8 x VIO
V
Low Level Output Voltage3
VOL
IOUT = –500 µA
0.2 x VIO
V
Notes:
1. Specifications are guaranteed by characterization.
2. For input pins SCLK, SEN, SDIO, RST, and RCLK.
3. For output pins SDIO, GPO1, GPO2, and GPO3.


Número de pieza similar - SI4707-B20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI4707-B20 SKYWORKS-SI4707-B20 Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
SI4707-B20-GM SKYWORKS-SI4707-B20-GM Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
More results

Descripción similar - SI4707-B20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI4707-B20 SKYWORKS-SI4707-B20 Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4707 SILABS-SI4707 Datasheet
996Kb / 3P
   Weather Band and SAME Data Receiver
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Radiometrix Ltd
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
   WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
logo
Laird Tech Smart Techno...
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
   Weather and UV resistant radome
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
   Weather and UV resistant radome
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com