Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4820-DEMO Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI4820-DEMO
Descripción Electrónicos  Si4820/24 DEMO BOARD USER?셎 GUIDE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4820-DEMO Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4820-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si4820/24-DEMO
6
Rev. 0.1
5. Bill of Materials
ATAD AM/FM/SW receiver IC Si4820/24 with external 32.768 kHz crystal oscillator support
LM4910 Audio amplifier IC
See Table 1 for details
Table 1. Si4820/24-DEMO Board Rev 1.0 Bill of Materials
Item
Qty
Reference
Description
Value
15
C1 C16 C19 C24 C39
CAP,SM,0603,X7R
0.1 µ
22
C23 C27
CAP,SM,1210,X7R
220 µ
31
C13
CAP,SM,1210,X7R
47 µ
42
C14 C25
Electrolytic capacitor
100 µ/4 V
52
C2-3
CAP,SM,0603,C0G
22 p
62
C30-31
CAP,SM,0603,X7R
33 n
71
C33
CAP,SM,0603,C0G
10 p
81
C34
CAP,SM,0603,C0G
33 p
93
C4 C12 C15
CAP,SM,0603,X7R
4.7 µ
10
2
C5 C36
CAP,SM,0603,X7R
0.47 µ
11
2
C8 C10
CAP,SM,0603,C0G
100 p
12
1
C11
CAP,SM,0603,C0G
330 p
13
1
C18
CAP,SM,0603,X7R
820 p
14
1
R25
RES,SM,0603
0R
15
1
R22
RES,SM,0603
12 k
16
1
R27
RES,SM,0603
100R
17
1
R31
RES,SM,0603
1k
18
1
R32
RES,SM,0603
10R
19
1
R41
RES,SM,0603
120 k
20
1
R3
RES,SM,0603
2.2 k
21
1
R45
RES,SM,0603
200R
22
3
R6 R23 R34
RES,SM,0603
100 k
23
1
R20
RES,SM,0603
6.8 k
24
2
R37 R38
RES,SM,0603
56 k
25
1
R36
RES,SM,0603,Tolerance ±1%
33 k
26
1
R29
RES,SM,0603,Tolerance ±1%
160 k
27
1
R43
RES,SM,0603,Tolerance ±1%
30 k
28
1
R44
RES,SM,0603,Tolerance ±1%
47 k
29
1
R7
RES,SM,0603,Tolerance ±1%
10 k


Número de pieza similar - SI4820-DEMO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4820-A10-CU SKYWORKS-SI4820-A10-CU Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
More results

Descripción similar - SI4820-DEMO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
International Rectifier
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
logo
Freescale Semiconductor...
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
PICDEMPIC18 MICROCHIP-PICDEMPIC18 Datasheet
1Mb / 38P
   PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
2008
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com