Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4822-A10 Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI4822-A10
Descripción Electrónicos  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4822-A10 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4822-A10 Datasheet HTML 6Page - Silicon Laboratories SI4822-A10 Datasheet HTML 7Page - Silicon Laboratories SI4822-A10 Datasheet HTML 8Page - Silicon Laboratories SI4822-A10 Datasheet HTML 9Page - Silicon Laboratories SI4822-A10 Datasheet HTML 10Page - Silicon Laboratories SI4822-A10 Datasheet HTML 11Page - Silicon Laboratories SI4822-A10 Datasheet HTML 12Page - Silicon Laboratories SI4822-A10 Datasheet HTML 13Page - Silicon Laboratories SI4822-A10 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Si4822/26-A10
10
Rev.1.0
Table 8. Thermal Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance*
JA
—80
°C/W
Ambient Temperature
TA
025
70
°C
Junction Temperature
TJ
——
77
°C
*Note:
Thermal resistance assumes a multi-layer PCB with the exposed pad soldered to a topside PCB pad.
Table 9. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 5.8
V
Input Current3
IIN
10
mA
Operating Temperature
TOP
–40 to 95
°C
Storage Temperature
TSTG
–55 to 150
°C
RF Input Level4
0.4
VPK
Notes:
1.
Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2.
The Si4822/26-A10 devices are high-performance RF integrated circuits with certain pins having an ESD rating of
< 2 kV HBM. Handling and assembly of these devices should only be done at ESD-protected workstations.
3.
For input pins RST, SDIO, SCLK, XTALO, XTALI, BAND, TUNE2, TUNE1, IRQ, and LNA_EN.
4.
At RF input pins, FMI, and AMI.


Número de pieza similar - SI4822-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4822-DEMO SILABS-SI4822-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

Descripción similar - SI4822-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4840-A10 SILABS-SI4840-A10 Datasheet
1Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com