Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4831-B30 Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4831-B30
Descripción Electrónicos  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4831-B30 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4831-B30 Datasheet HTML 4Page - Silicon Laboratories SI4831-B30 Datasheet HTML 5Page - Silicon Laboratories SI4831-B30 Datasheet HTML 6Page - Silicon Laboratories SI4831-B30 Datasheet HTML 7Page - Silicon Laboratories SI4831-B30 Datasheet HTML 8Page - Silicon Laboratories SI4831-B30 Datasheet HTML 9Page - Silicon Laboratories SI4831-B30 Datasheet HTML 10Page - Silicon Laboratories SI4831-B30 Datasheet HTML 11Page - Silicon Laboratories SI4831-B30 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si4831/35-B30
8
Rev. 1.0
2. Typical Application Schematic
Notes:
1.
Place C4 close to VDD2 and DBYP pins.
2.
All grounds connect directly to GND plane on PCB.
3.
Pin 6 and 7 leave floating.
4.
To ensure proper operation and receiver performance, follow the guidelines in "AN555: Si483x-B Antenna, Schematic,
Layout, and Design Guidelines." Silicon Labs will evaluate the schematics and layouts for qualified customers.
5.
Pin 8 connects to the FM antenna interface and pin 12 connects to the AM antenna interface.
6.
Place Si483x as close as possible to antenna jack and keep the FMI and AMI traces as short as possible.
5
RFGND
Optional: AM air loop antenna
2.0 TO 3.6V
2.0 TO 3.6V
Optional
(Si4835 only)
FM
AM
BAND
Y1
32.768KHz
C2
22p
C3
22p
U1
C5
0.47u
ANT2
T1
C
0.47u
C4
0.1u
C1
0.1u
R1
100k
VR1
100k
12
3
S2
R3
253k
R4
180k
R5
67k
R2
10k
STATION_LED
STEREO_LED
FMI
LOUT
ROUT
AMI
AMI
VDD
VDD
TUNE1


Número de pieza similar - SI4831-B30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Skyworks Solutions Inc.
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4831-B30-GU SKYWORKS-SI4831-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

Descripción similar - SI4831-B30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com