Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1100-50EG5 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza TS1100-50EG5
Descripción Electrónicos  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1100-50EG5 Datasheet(HTML) 4 Page - Silicon Laboratories

  TS1100-50EG5 Datasheet HTML 1Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 2Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 3Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 4Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 5Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 6Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 7Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 8Page - Silicon Laboratories TS1100-50EG5 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2.2 Theory of Operation
The internal configuration of the TS1100/02 (a unidirectional high-side, current-sense amplifier) is based on a common operational am-
plifier circuit used for measuring load currents (in one direction) in the presence of high common-mode voltages. In the general case, a
current-sense amplifier monitors the voltage caused by a load current through an external sense resistor and generates an output volt-
age as a function of that load current.
The internal configuration of the TS1101/03 (a bidirectional high-side, current-sense amplifier) is a variation of the TS1100/02 unidirec-
tional current-sense amplifier. In the design of the TS1101/03, the input amplifier was reconfigured for fully differential input/output oper-
ation and a second low-threshold p-channel FET (M2) was added where the drain terminal of M2 is also connected to ROUT. Therefore,
the behavior of the TS1101/03 for when VRS– > VRS+ is identical for when VRS+ > VRS–.
Referring to the typical application circuit, the inputs of the op-amp based circuit are connected across an external RSENSE resistor that
is used to measure load current. At the non-inverting input of the current-sense amplifier (the RS+ terminal), the applied voltage is
ILOAD × RSENSE. Since the RS– terminal is the non-inverting input of the internal op-amp, op-amp feedback action forces the inverting
input of the internal op-amp to the same potential. Therefore, the voltage drop across RSENSE (VSENSE) and the voltage drop across
RGAINA (at the RS+ terminal) are equal. Necessary for gain ratio matched, both RGAINA and RGAINB are the same value.
Since p-channel M1’s source is connected to the inverting input of the internal op amp and since the voltage drop across RGAINA is the
same as the external VSENSE, op amp feedback action drives the gate of M1 such that M1’s drain-source current is equal to:
IDS(M 1) =
VSENSE
RGAINA
or
IDS(M 1) =
ILOAD × RSENSE
RGAINA
Since M1’s drain terminal is connected to ROUT, the output voltage of the current-sense amplifier at the OUT terminal is, therefore:
VOUT = ILOAD × RSENSE ×
ROUT
RGAINA
For the TS1101 and TS1103, when the voltage at the RS– terminal is greater than the voltage at the RS+ terminal, the external
VSENSE voltage drop is impressed upon RGAINB. The voltage drop across RGAINB is then converted into a current by M2 that then
produces an output voltage across ROUT. In this design, when M1 is conducting current (VRS+ > VRS–), the TS1101/03’s internal amplifi-
er holds M2 OFF. When M2 is conducting current (VRS– > VRS+), the internal amplifier holds M1 OFF. In either case, the disabled FET
does not contribute to the resultant output voltage.
The current-sense amplifier’s gain accuracy is therefore the ratio match of ROUT to RGAIN[A/B]. For each of the four gain options availa-
ble, Table 1 lists the values for ROUT and RGAIN[A/B]. The TS1101’s output stage is protected against input overdrive by use of an output
current-limiting circuit of 3 mA (typical) and a 7 V internal clamp protection circuit.
TS1100/01/02/03 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Número de pieza similar - TS1100-50EG5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1100-50 TOUCHSTONE-TS1100-50 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100-50-EG6 SILABS-TS1100-50-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50-EG6T SILABS-TS1100-50-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - TS1100-50EG5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com