Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1102-25EG5 Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza TS1102-25EG5
Descripción Electrónicos  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1102-25EG5 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS1102-25EG5 Datasheet HTML 6Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 7Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 8Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 9Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 10Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 11Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 12Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 13Page - Silicon Laboratories TS1102-25EG5 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Table 3.3. AC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Sense Amplifier
Output Settling time
tOUT_s
1% Final value,
VOUT = 3 V
Gain = 25, 50, 100
2.2
msec
Gain = 200
4.3
msec
Sign Comparator Parameters (TS1101 and TS1103 Only)
Propagation Delay
tSIGN_PD
VSENSE = ±1 mV
3
msec
VSENSE = ±10 mV
0.4
msec
Notes:
1. VRS+ = 3.6 V; VSENSE = (VRS+ – VRS–) = 0 V; COUT = 47 nF; VDD = 1.8 V; TA = –40 °C to +105 °C, unless otherwise noted.
Typical values are at TA = +25 °C.
Table 3.4. Thermal Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Temperature Range
TOP
–40
+105
°C
Table 3.5. Absolute Maximum Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RS+ Voltage
VRS+
–0.3
27
V
RS– Voltage
VRS–
–0.3
27
V
Supply Voltage
VDD
–0.3
6
V
OUT Voltage
VOUT
–0.3
6
V
SIGN Voltage (TS1106 Only)
VSIGN
–0.3
6
V
RS+ to RS– Voltage
VRS+ – VRS–
28
V
Short Circuit Duration: OUT to GND
Continuous
Continuous Input Current (Any Pin)
–20
20
mA
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 s)
300
°C
Soldering Temperature (Reflow)
260
°C
ESD Tolerance
Human Body Model
2000
V
Machine Model
200
V
TS1100/01/02/03 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 9


Número de pieza similar - TS1102-25EG5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1102-25EG5T TOUCHSTONE-TS1102-25EG5T Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
TS1102-25EG5TP TOUCHSTONE-TS1102-25EG5TP Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
More results

Descripción similar - TS1102-25EG5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com