Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS7001IM8T Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza TS7001IM8T
Descripción Electrónicos  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001IM8T Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS7001IM8T Datasheet HTML 2Page - Silicon Laboratories TS7001IM8T Datasheet HTML 3Page - Silicon Laboratories TS7001IM8T Datasheet HTML 4Page - Silicon Laboratories TS7001IM8T Datasheet HTML 5Page - Silicon Laboratories TS7001IM8T Datasheet HTML 6Page - Silicon Laboratories TS7001IM8T Datasheet HTML 7Page - Silicon Laboratories TS7001IM8T Datasheet HTML 8Page - Silicon Laboratories TS7001IM8T Datasheet HTML 9Page - Silicon Laboratories TS7001IM8T Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TS7001
Page 6
TS7001 Rev. 1.0
Power Supply Rejection vs Frequency
-97
-93
-89
-85
-77
FREQUENCY - kHz
-81
2.7
30
45
60
15
75
90
VDD = 2.7V/3.6V
REFIN (External) = 2.488V
100mVPP Sine Wave on VDD
VDD = 3V
REFIN (External) = 3V
Signal-to-Noise Ratio vs Frequency
70
70.5
71
72
71.5
0.7
45
60.2
90
15.5
FREQUENCY - kHz
Dynamic Performance vs Frequency
-140
-100
-80
-60
-40
0
FREQUENCY - kHz
-20
0
20
40
60
-120
80
4096-point FFT
187.5ksps Sampling Rate
10kHz Fundamental
75
30.5
Integral Nonlinearity
DIGITAL OUTPUT CODE
-0.6
-0.2
0.2
1k
2k
0
3k
4k
0.6
1
Differential Nonlinearity
DIGITAL OUTPUT CODE
1k
2k
0
3k
4k
-1
-0.6
-0.2
1
0.2
0.6
TEMPERATURE - ºC
-15
35
60
85
10
0.8
0
0.4
Offset Error vs Temperature
-40
1.6
1.2
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +3V; fSCLK = 3MHz; TA = 25ºC, unless otherwise noted.
-1


Número de pieza similar - TS7001IM8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

Descripción similar - TS7001IM8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com