Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9002 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza TS9002
Descripción Electrónicos  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9002 Datasheet(HTML) 1 Page - Silicon Laboratories

  TS9002 Datasheet HTML 1Page - Silicon Laboratories TS9002 Datasheet HTML 2Page - Silicon Laboratories TS9002 Datasheet HTML 3Page - Silicon Laboratories TS9002 Datasheet HTML 4Page - Silicon Laboratories TS9002 Datasheet HTML 5Page - Silicon Laboratories TS9002 Datasheet HTML 6Page - Silicon Laboratories TS9002 Datasheet HTML 7Page - Silicon Laboratories TS9002 Datasheet HTML 8Page - Silicon Laboratories TS9002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS9002
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
♦ Ultra-Low Quiescent Current:
4
μA (max), Both Comparators plus Reference
♦ Single or Dual Power Supplies:
Single: +2.5V to +11V
Dual: ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ 7μs Propagation Delay
♦ Push-pull TTL/CMOS-Compatible Outputs
♦ Crowbar-Current-Free Switching
♦ Continuous Source Current Capability: 40mA
♦ Internal 1.182V ±0.75% Reference
♦ Adjustable Hysteresis
♦ 8-pin MSOP Package
APPLICATIONS
Threshold Detectors
Window Comparator
Level Translators
Oscillator Circuits
Battery-Powered Systems
DESCRIPTION
The TS9002 low-voltage, micropower dual analog
comparator is form-factor identical to the MAX923
analog
comparator
with
improved
electrical
specifications. Ideal for 3V or 5V single-supply
applications, the TS9002 draws 11% lower supply
current with a 25%-better initial accuracy reference
voltage. The TS9002 joins the TS9001-1/2 analog
comparators
in
the
“NanoWatt
Analog™”
high
performance analog integrated circuits portfolio. The
TS9002 can operate from single +2.5V to +11V
supplies or from ±1.25V to ±5.5V dual supplies.
The TS9002 exhibits an input voltage range from the
negative supply rail to within 1.3V of the positive
supply rail. In addition, its push-pull output stage is
TTL/CMOS compatible and capable of sinking and
sourcing current. It also incorporates an internal
1.182V
±0.75%
voltage
reference.
Without
complicated
feedback
configurations
and
only
requiring two additional resistors, adding external
hysteresis via a separate pin is available on the
TS9002’s HYST pin.
The TS9002 is fully specified over the -40ºC to +85ºC
temperature range and is available in an 8-pin MSOP
package.
Low-Power Single/Dual-Supply Dual Comparator with Reference
TYPICAL APPLICATION CIRCUIT
A 5V, Low-Parts-Count, High-Accuracy Window Detector


Número de pieza similar - TS9002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Taiwan Semiconductor Co...
TS90021CX5 TSC-TS90021CX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002ACX5 TSC-TS9002ACX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
More results

Descripción similar - TS9002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com