Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9001-1IJ5T Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza TS9001-1IJ5T
Descripción Electrónicos  1.6V Nanopower Comparator with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9001-1IJ5T Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button TS9001-1IJ5T Datasheet HTML 7Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 8Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 9Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 10Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 11Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 12Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 13Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 14Page - Silicon Laboratories TS9001-1IJ5T Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TS9001
TS9001 Rev. 1.0
Page 11
Output Stage Circuitry
Many conventional analog comparators can draw
orders of magnitude higher supply current when
switching. Because of this behavior, additional
power supply bypass capacitance may be required
to
provide
additional
charge
storage
during
switching. The design of the TS9001-1’s rail-to-rail
output stage implements a technique that virtually
eliminates
supply-current
surges
when
output
transitions occur. The supply-current change as a
function of output transition frequency exhibited by
these analog comparators is very small. Material
benefits
of
this
attribute
to
battery-power
applications are the increase in operating time and
in reducing the size of power-supply filter capacitors.
Internal Voltage Reference
The
TS9001-1/2’s
internal
+1.252V
voltage
reference exhibits a typical temperature coefficient
of
40ppm/°C
over
the
full
-40°C
to
+85°C
temperature range. An equivalent circuit for the
reference section is illustrated in Figure 1. Since the
output impedance of the voltage reference Is
typically 200k
Ω, its output can be bypassed with a
low-leakage
capacitor
and
is
stable
for
any
capacitive load.
An external buffer – such as the TS1001 – can be
used to buffer the voltage reference output for higher
output current drive or to reduce reference output
impedance.
APPLICATIONS INFORMATION
Low-Voltage, Low-Power Operation
Because they were designed specifically for low-
power, battery-operated applications, the TS9001-
1/2 comparators are an excellent choice. Under
nominal conditions, approximate operating times for
this analog comparator family is illustrated in Table 1
for
a
number
of
battery
types
and
their
corresponding charge capacities.
Internal Hysteresis
As a result of circuit noise or unintended parasitic
feedback, many analog comparators often break into
oscillation within their linear region of operation
especially when the applied differential input voltage
approaches 0V (zero volt). Externally-introduced
hysteresis
is
a
well-established
technique
to
stabilizing analog comparator behavior and requires
external components. As shown in Figure 2, adding
comparator hysteresis creates two trip points: VTHR
(for the rising input voltage) and VTHF (for the falling
input voltage). The hysteresis band (VHB) is defined
as the voltage difference between the two trip points.
When a comparator’s input voltages are equal,
hysteresis effectively forces one comparator input to
move quickly past the other input, moving the input
Table 1: Battery Applications using the TS9001
BATTERY TYPE
RECHARGEABLE
VFRESH
(V)
VEND-OF-LIFE (V)
CAPACITY, AA
SIZE (mA-h)
TS9001 OPERATING
TIME (hrs)
Alkaline (2 Cells)
No
3.0
1.8
2000
2.5 x 106
Nickel-Cadmium (2 Cells)
Yes
2.4
1.8
750
937,500
Lithium-Ion (1 Cell)
Yes
3.5
2.7
1000
1.25 x 106
Nickel-Metal- Hydride
(2 Cells)
Yes
2.4
1.8
1000
1.25 x 106
Figure 1: TS9001’s Internal VREF Output
Equivalent Circuit


Número de pieza similar - TS9001-1IJ5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9001-1IJ5 TOUCHSTONE-TS9001-1IJ5 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results

Descripción similar - TS9001-1IJ5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com