Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q22FA1280014014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza Q22FA1280014014
Descripción Electrónicos  MHz Range Crystal unit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

Q22FA1280014014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Q22FA1280014014 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q22FA1280014014 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q22FA1280014014 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MHz Range Crystal unit
FA-128
Product name
FA-128
26.000000 MHz 9.0 +10.0-10.0
Product Number / Ordering code
Q22FA12800140xx
Please refer to the 5.Packing information about xx (last 2 digits)
Pb free / Complies with EU RoHS directive
Reference weight Typ. 7 mg
1.Absolute maximum ratings
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
T_stg
-40
-
+125
ºC
Storage as single product
2.Specifications(characteristics)
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
f_nom
26.000000
MHz
Fundamental
f_tol
-10
-
10
x 10-
6
@+25ºC
f_tem
-20
-
20
x 10
-6
-40ºC to 85ºC
T_use
-40
-
+85
ºC
DL
10
-
100
µW
Recommended:1 to 100µW
CL
9
pF
R1
-
-
60
C1
-
2.101
-
fF
L1
-
17.834
-
mH
C0
-
0.63
-
pF
f_age
-1
1
x10
-6 /yea @+25ºC, First year
3.External dimensions
(Unit: mm)
4.Footprint(Recommended)
(Unit: mm)
5.Packing information
[ 1 ]Product number last 2 digits code (xx) description
The recommended code is "18"
Q22FA12800140xx
Code
Code
01
Any Q'ty vinyl bag(Tape cut)
00
3000pcs / Reel
11
Any Q'ty / Reel
18
5000pcs / Reel
12
250pcs / Reel
14
1000pcs / Reel
Frequency Stability over
temperature
Parameter
Storage temperature
Parameter
Nominal frequency
Frequency tolerance
Shunt capacitance
Frequency aging
Condition
Condition
Operating temperature
Level of drive
Load capacitance
Motional resistance (ESR)
Motional capacitance
Motional inductance
#1
#4
#2
#3
Internal connection
(TOP VIEW)
2.0±0.1
#1
#4
#2
#3
0.65
0.6
C 0.2 Min.
#2 and #4 are connected to the cover.
(Please connect to ground)
2600M
E66RA
#1
#4
#2
#3
1.45
0.95
0.85
1.15
1 Page


Número de pieza similar - Q22FA1280014014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
Q22FA1280014100 ETC2-Q22FA1280014100 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA1280014101 ETC2-Q22FA1280014101 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA1280014111 ETC2-Q22FA1280014111 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA1280014112 ETC2-Q22FA1280014112 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA1280014114 ETC2-Q22FA1280014114 Datasheet
236Kb / 3P
   MHz Range Crystal unit
More results

Descripción similar - Q22FA1280014014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Epson ToYoCom
FA-23A EPSONTOYOCOM-FA-23A Datasheet
409Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q22FA1280008912 ETC2-Q22FA1280008912 Datasheet
236Kb / 3P
   MHz Range Crystal unit
X1E000351002412 ETC2-X1E000351002412 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002712 ETC2-X1E000351002712 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002912 ETC2-X1E000351002912 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351001712 ETC2-X1E000351001712 Datasheet
235Kb / 3P
   MHz Range Crystal unit
logo
Epson Company
FA-128 EPSON-FA-128 Datasheet
585Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA2016AN EPSON-FA2016AN Datasheet
481Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
FA1210AN EPSONTOYOCOM-FA1210AN Datasheet
204Kb / 1P
   MHz Range Crystal Unit
logo
List of Unclassifed Man...
Q22FA1280034112 ETC2-Q22FA1280034112 Datasheet
236Kb / 3P
   MHz Range Crystal unit
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com