Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC121S101CIMKX Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza DAC121S101CIMKX
Descripción Electrónicos  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101CIMKX Datasheet(HTML) 4 Page - Texas Instruments

  DAC121S101CIMKX Datasheet HTML 1Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 2Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 3Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 4Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 5Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 6Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 7Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 8Page - Texas Instruments DAC121S101CIMKX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
DAC121S101, DAC121S101-Q1
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage, VA
6.5
V
Voltage on any Input Pin
−0.3
(VA + 0.3)
V
Input Current at Any Pin (3)
10
mA
Package Input Current (3)
20
mA
Power Consumption at TA = 25°C
See (4)
Soldering Temperature, Infrared, 10 Seconds(5)
235
°C
Storage Temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise specified
(3)
When the input voltage at any pin exceeds the power supplies (that is, less than GND, or greater than VA), the current at that pin must
be limited to 10 mA. The 20-mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 10 mA to two.
(4)
The absolute maximum junction temperature (TJMAX) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJMAX, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJMAX − TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions must always be avoided.
(5)
See the section entitled "Surface Mount" found in any post 1986 National Semiconductor Linear Data Book for methods of soldering
surface mount devices.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Machine Model
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC121S101 DAC121S101-Q1


Número de pieza similar - DAC121S101CIMKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMKX NSC-DAC121S101CIMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMKX TI-DAC121S101CIMKX Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Descripción similar - DAC121S101CIMKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com