Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ACTQ841 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ841
Descripción Electrónicos  Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ841 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ841 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ841 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
Symbol
Parameter
V
CC
(V)
54ACTQ
Units
Conditions
T
A =
−55˚C to +125˚C
Guaranteed Limits
I
OLD
Minimum Dynamic
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
(Note 4)
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
160.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
V
OLP
Quiet Output
5.0
1.5
V
(Note 6)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
−1.2
V
(Note 6)
Minimum Dynamic V
OL
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 6: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 7)
C
L = 50 pF
Min
Max
t
PLH,
Propagation Delay
5.0
2.0
9.5
ns
Figure 4
t
PHL
D
n to On
2.0
11.0
t
PLH,
Propagation Delay
5.0
2.0
11.0
ns
Figure 4
t
PHL
LE to O
n
2.0
11.0
t
PZH,
Output Enable Time
5.0
1.5
11.0
ns
Figure 5
t
PZL
OE to O
n
1.5
13.0
t
PHZ,
Output Disable Time
5.0
1.5
8.5
ns
Figure 5
t
PLZ
OE to O
n
1.5
5.5
Note 7: Voltage Range 5.0 is 5.0V ±0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device. The
specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design. Not
tested.
AC Operating Requirements
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
S
Setup Time, HIGH or LOW
5.0
3.0
ns
Figure 7
D
n to LE
t
H
Hold Time, HIGH or LOW
5.0
1.5
ns
Figure 7
D
n to LE
t
W
LE Pulse Width, HIGH
5.0
4.0
ns
Figure 6
Note 9: Voltage Range 5.0 is 5.0V ±0.5V.
www.national.com
4


Número de pieza similar - 54ACTQ841

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Descripción similar - 54ACTQ841

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com