Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD402N Datasheet(PDF) 1 Page - Shunye Enterprise

No. de pieza BD402N
Descripción Electrónicos  40 AMP BLOCK DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHUNYE [Shunye Enterprise]
Página de inicio  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

BD402N Datasheet(HTML) 1 Page - Shunye Enterprise

  BD402N Datasheet HTML 1Page - Shunye Enterprise BD402N Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD402N
THRU
BD402P
40 AMP BLOCK DIODES
特征
FEATURES
BLOCK DIODE
.大电流承受能力.High current capability
.高压利用能力.High voltage available
.玻璃被钝化的压模结构.Glass passivated die construction
.高浪涌承受能力.High surge current capability
.40 A 工作在表面温度是 125℃,无热损耗的情况下.
40Ampere Operation At TL=125℃ With No Thermal Runaway
机械数据
MECHANICAL DATA
.BD402N 代表阴性的
BD402-N
N-Lead
,P-Case
.BD402P 代表阳性的
BD402-P
P-Lead
,N-Case
Dimension in millimeters
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
BD402N
BD402P
UNITS
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
200
200
Volts
最大反向有效电压
Maximum RMS Voltage
VRMS
140
140
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
200
200
Volts
最大正向平均整流电流 TL=100℃
Maximum Average Forward Rectified
Current
I(AV)
40
Amps
正向峰值浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
400
Amps
40A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage
Drop at 40A DC
VF
1.1
Volts
最大反向漏电流
Maximum DC Reverse Current
TA=25℃
at Rated DC Blocking Voltage
TA=100℃
IR
5
500
uA
典型热阻抗
Typical thermal resistance
RΘJA
1.0
℃/W
工作温度存储温度
Operating AND Storage Temperature Range
TSTG/ TJ
-55 to +150
www.shunyegroup.com.cn


Número de pieza similar - BD402N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
BD402N THINKISEMI-BD402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD402N THINKISEMI-BD402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
More results

Descripción similar - BD402N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shunye Enterprise
BD406N SHUNYE-BD406N Datasheet
233Kb / 2P
   40 AMP BLOCK DIODES
BD404N SHUNYE-BD404N Datasheet
232Kb / 2P
   40 AMP BLOCK DIODES
BD4005N SHUNYE-BD4005N Datasheet
236Kb / 2P
   40 AMP BLOCK DIODES
BD401N SHUNYE-BD401N Datasheet
232Kb / 2P
   40 AMP BLOCK DIODES
BD3005N SHUNYE-BD3005N Datasheet
196Kb / 2P
   30 AMP BLOCK DIODES
BD352N SHUNYE-BD352N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
BD451N SHUNYE-BD451N Datasheet
232Kb / 2P
   45 AMP BLOCK DIODES
BD5005N SHUNYE-BD5005N Datasheet
233Kb / 2P
   50 AMP BLOCK DIODES
BD4505N SHUNYE-BD4505N Datasheet
232Kb / 2P
   45 AMP BLOCK DIODES
BD452N SHUNYE-BD452N Datasheet
233Kb / 2P
   45 AMP BLOCK DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com