Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS20L60C Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STPS20L60C
Descripción Electrónicos  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20L60C Datasheet HTML 1Page - STMicroelectronics STPS20L60C Datasheet HTML 2Page - STMicroelectronics STPS20L60C Datasheet HTML 3Page - STMicroelectronics STPS20L60C Datasheet HTML 4Page - STMicroelectronics STPS20L60C Datasheet HTML 5Page - STMicroelectronics STPS20L60C Datasheet HTML 6Page - STMicroelectronics STPS20L60C Datasheet HTML 7Page - STMicroelectronics STPS20L60C Datasheet HTML 8Page - STMicroelectronics STPS20L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
August 2013
DocID6427 Rev 4
1/10
STPS20L60C
Power Schottky rectifier
Datasheet
- production data
Features
 Low forward voltage drop
 Negligible switching losses
 Low thermal resistance
 Avalanche capability specified
Description
Dual center tap Schottky rectifiers suited for
switched mode power supplies and high
frequency DC to DC converters.
Packaged in TO-220AB, TO-220AB narrow leads,
I2PAK and D2PAK, this device is intended for use
in high frequency inverters.
A1
K
A2
A1
K
A2
K
A1
A2
A1
A2
K
A1
K
A2
TO-220AB
STPS20L60CT
D2PAK
STPS20L60CG
I2PAK
STPS20L60CR
TO-220AB narrow leads
STPS20L60CTN
Table 1. Device summary
IF(AV)
2 x 10 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.56 V
www.st.com


Número de pieza similar - STPS20L60C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS20L60C-Y STMICROELECTRONICS-STPS20L60C-Y Datasheet
99Kb / 7P
   Automotive power Schottky rectifier
STPS20L60CG STMICROELECTRONICS-STPS20L60CG Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CG-TR STMICROELECTRONICS-STPS20L60CG-TR Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CR STMICROELECTRONICS-STPS20L60CR Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CT STMICROELECTRONICS-STPS20L60CT Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Descripción similar - STPS20L60C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com