Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA8418EYFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA8418EYFPR
Descripción Electrónicos  I2C Controlled Keypad Scan IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 3 Page - Texas Instruments

  TCA8418EYFPR Datasheet HTML 1Page - Texas Instruments TCA8418EYFPR Datasheet HTML 2Page - Texas Instruments TCA8418EYFPR Datasheet HTML 3Page - Texas Instruments TCA8418EYFPR Datasheet HTML 4Page - Texas Instruments TCA8418EYFPR Datasheet HTML 5Page - Texas Instruments TCA8418EYFPR Datasheet HTML 6Page - Texas Instruments TCA8418EYFPR Datasheet HTML 7Page - Texas Instruments TCA8418EYFPR Datasheet HTML 8Page - Texas Instruments TCA8418EYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
18
1
ROW7
5
ROW3
16
17
14
3
ROW5
2
ROW6
13
6
ROW2
15
COL9
COL5
COL7
COL8
COL4
COL6
4
ROW4
TCA8418
www.ti.com
SCPS215E – SEPTEMBER 2009 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
RTW Package
24-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1
ROW7
I/O
GPIO or row 7 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
2
ROW6
I/O
GPIO or row 6 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
3
ROW5
I/O
GPIO or row 5 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
4
ROW4
I/O
GPIO or row 4 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
5
ROW3
I/O
GPIO or row 3 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
6
ROW2
I/O
GPIO or row 2 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
7
ROW1
I/O
GPIO or row 1 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
8
ROW0
I/O
GPIO or row 0 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
9
COL0
I/O
GPIO or column 0 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
10
COL1
I/O
GPIO or column 1 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
11
COL2
I/O
GPIO or column 2 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
12
COL3
I/O
GPIO or column 3 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
13
COL4
I/O
GPIO or column 4 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
14
COL5
I/O
GPIO or column 5 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
15
COL6
I/O
GPIO or column 6 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
16
COL7
I/O
GPIO or column 7 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
17
COL8
I/O
GPIO or column 8 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
18
COL9
I/O
GPIO or column 9 in keypad matrix. If unused, connect to VCC through a pull-up resistor.
19
GND
Ground
20
RESET
I
Active-low reset input. Connect to VCC through a pull-up resistor, if no active connection is used.
21
VCC
-
Supply voltage of 1.65 V to 3.6 V
22
SDA
I/O
Serial data bus. Connect to VCC through a pull-up resistor.
23
SCL
I
Serial clock bus. Connect to VCC through a pull-up resistor.
24
INT
O
Active-low interrupt output. Open drain structure. Connect to VCC through a pull-up resistor.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TCA8418


Número de pieza similar - TCA8418EYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
More results

Descripción similar - TCA8418EYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Asahi Kasei Microsystem...
AK8125AV AKM-AK8125AV Datasheet
360Kb / 9P
   EMI Countermeasure Spectrum Scan Diffusion IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com