Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA8418RTWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA8418RTWR
Descripción Electrónicos  I2C Controlled Keypad Scan IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA8418RTWR Datasheet(HTML) 5 Page - Texas Instruments

  TCA8418RTWR Datasheet HTML 1Page - Texas Instruments TCA8418RTWR Datasheet HTML 2Page - Texas Instruments TCA8418RTWR Datasheet HTML 3Page - Texas Instruments TCA8418RTWR Datasheet HTML 4Page - Texas Instruments TCA8418RTWR Datasheet HTML 5Page - Texas Instruments TCA8418RTWR Datasheet HTML 6Page - Texas Instruments TCA8418RTWR Datasheet HTML 7Page - Texas Instruments TCA8418RTWR Datasheet HTML 8Page - Texas Instruments TCA8418RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
TCA8418
www.ti.com
SCPS215E – SEPTEMBER 2009 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range, VCC = 1.65 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 3.6 V
–1.2
V
VPOR Power-on reset voltage, VCC
1.03
1.43
R
rising
VI = VCC or GND, IO = 0
1.65 V to 3.6 V
V
VPOR Power-on reset voltage, VCC
0.76
1.15
F
falling
IOH = –1 mA
1.65 V
1.25
1.65 V
1.2
IOH = –8 mA
2.3 V
1.8
ROW0–7, COL0–9 high-level
VOH
3 V
2.6
V
output voltage
1.65 V
1.1
IOH = –10 mA
2.3 V
1.7
3 V
2.5
IOL = 1 mA
1.65 V
0.4
1.65 V
0.45
IOL = 8 mA
2.3 V
0.25
ROW0–7, COL0–9 low-level
VOL
3 V
0.25
V
output voltage
1.65 V
0.6
IOL = 10 mA
2.3 V
0.3
3 V
0.25
SDA
VOL = 0.4 V
1.65 V to 3.6 V
3
IOL
mA
INT and CAD_INT
VOL = 0.4 V
1.65 V to 3.6 V
3
SCL, SDA, ROW0–7, COL0–9,
II
VI = VCCI or GND
1.65 V to 3.6 V
1
μA
RESET
RINT
Internal pull-up resistor value
ROW0–7, COL0–9
105
k
Oscillator
10
OFF
fSCL = 0 kHz
1.65 V to 3.6 V
Oscillator
18
ON
1.65 V
50
fSCL = 400 kHz
3.6 V
90
VI on SDA,
1 key press
1.65 V
65
ROW0–7,
fSCL = 1 MHz
COL0–9 = VCC or
3.6 V
153
ICC
Supply current
μA
GND,
fSCL = 400 kHz
GPI low
55
IO = 0, I/O =
(pull-up
inputs,
fSCL = 1 MHz
65
enable)(1)
fSCL = 400 kHz
GPI low
15
1.65 V to 3.6 V
(pull-up
fSCL = 1 MHz
24
disable)
fSCL = 400 kHz
55
1 GPO
active
fSCL = 1 MHz
65
CI
SCL
VI = VCCI or GND
1.65 V to 3.6 V
6
8
pF
SDA
10
12.5
Cio
VIO = VCC or GND
1.65 V to 3.6 V
pF
ROW0–7, COL0–9
5
6
(1)
Assumes that one GPIO is enabled.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA8418


Número de pieza similar - TCA8418RTWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418RTWR TI-TCA8418RTWR Datasheet
853Kb / 37P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
More results

Descripción similar - TCA8418RTWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Asahi Kasei Microsystem...
AK8125AV AKM-AK8125AV Datasheet
360Kb / 9P
   EMI Countermeasure Spectrum Scan Diffusion IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com