Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCAN1042HGVD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCAN1042HGVD
Descripción Electrónicos  Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HGVD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCAN1042HGVD Datasheet HTML 6Page - Texas Instruments TCAN1042HGVD Datasheet HTML 7Page - Texas Instruments TCAN1042HGVD Datasheet HTML 8Page - Texas Instruments TCAN1042HGVD Datasheet HTML 9Page - Texas Instruments TCAN1042HGVD Datasheet HTML 10Page - Texas Instruments TCAN1042HGVD Datasheet HTML 11Page - Texas Instruments TCAN1042HGVD Datasheet HTML 12Page - Texas Instruments TCAN1042HGVD Datasheet HTML 13Page - Texas Instruments TCAN1042HGVD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
D003
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
0
25
50
75
100
125
150
D004
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
0
0.5
1
1.5
2
2.5
3
D001
VCC (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
0
0.5
1
1.5
2
2.5
3
D002
10
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
SLLSES7 – FEBRUARY 2016
www.ti.com
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = Open
RCM = Open
STB = 0 V
Figure 1. VOD(D) over Temperature
VIO = 5 V
STB = 0 V
RL = 60 Ω
CL = Open
RCM = Open
Temp = 25°C
Figure 2. VOD(D) over VCC
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = Open
RCM = Open
STB = 0 V
Figure 3. ICC Recessive over Temperature
VCC = 5 V
VIO = 3.3 V
RL = 60 Ω
CL = 100 pF
CL_RXD = 15 pF
STB = 0 V
Figure 4. Total Loop Delay over Temperature


Número de pieza similar - TCAN1042HGVD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN1042HGVD TI1-TCAN1042HGVD Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDQ1 TI1-TCAN1042HGVDQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042HGVDQ1 TI1-TCAN1042HGVDQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDQ1 TI1-TCAN1042HGVDQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDR TI1-TCAN1042HGVDR Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
More results

Descripción similar - TCAN1042HGVD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com