Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCAN1042HGVDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCAN1042HGVDR
Descripción Electrónicos  Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HGVDR Datasheet(HTML) 3 Page - Texas Instruments

  TCAN1042HGVDR Datasheet HTML 1Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 2Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 3Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 4Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 5Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 6Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 7Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 8Page - Texas Instruments TCAN1042HGVDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TXD
RXD
GND
VCC
STB
CANH
CANL
VIO
1
2
3
4
8
7
6
5
TXD
RXD
GND
VCC
STB
CANH
CANL
NC
1
2
3
4
8
7
6
5
3
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
www.ti.com
SLLSES7 – FEBRUARY 2016
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NUMBER
BUS FAULT PROTECTION
5-Mbps FLEXIBLE DATA
RATE
3-V LEVEL SHIFTER
INTEGRATED
PIN 8 MODE SELECTION
TCAN1042H
±70 V
Low Power Standby Mode
with Remote Wake
TCAN1042HG
±70 V
X
TCAN1042HGV
±70 V
X
X
TCAN1042HV
±70 V
X
6 Pin Configurations and Functions
D Package for (H) and (HG)
8 PIN (SOIC)
Top View
D Package for (HV) and (HGV)
8 PIN (SOIC)
Top View
Pin Functions
PINS
TYPE
DESCRIPTION
NAME
(H), (HG)
(HV), (HGV)
TXD
1
1
I
CAN transmit data input (LOW for dominant and HIGH for recessive bus states)
GND
2
2
GND
Ground connection
VCC
3
3
I
Transceiver 5-V supply voltage
RXD
4
4
O
CAN receive data output (LOW for dominant and HIGH for recessive bus states)
NC
5
No Connect
VIO
5
I
Transceiver I/O level shifting supply voltage (Devices with "V" suffix only)
CANL
6
6
I/O
Low level CAN bus line
CANH
7
7
I/O
High level CAN bus line
STB
8
8
I
Standby Mode control input (active high)


Número de pieza similar - TCAN1042HGVDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN1042HGVDR TI1-TCAN1042HGVDR Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRBRQ1 TI1-TCAN1042HGVDRBRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRBTQ1 TI1-TCAN1042HGVDRBTQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042HGVDRQ1 TI1-TCAN1042HGVDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Descripción similar - TCAN1042HGVDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com