Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCAN334D Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TCAN334D Datasheet(HTML) 5 Page - Texas Instruments |
5 / 39 page 5 TCAN330, TCAN332, TCAN334, TCAN337 TCAN330G, TCAN332G, TCAN334G, TCAN337G www.ti.com SLLSEQ7A – DECEMBER 2015 – REVISED JANUARY 2016 Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential I/O bus voltages, are with respect to ground terminal. 8 Specifications 8.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) (2) MIN MAX UNIT Supply Voltage range, VCC –0.3 5 V Voltage at any bus terminal (CANH or CANL), V(BUS) –14 14 V Logic input terminal voltage range V(Logic_Input) –0.3 5 V Logic output terminal voltage range, V(Logic_Output) –0.3 5 V Logic output current, IO(LOGIC) 8 mA Operating junction temperature range, TJ –40 150 °C Storage temperature, Tstg 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. . (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 8.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) All pins except CANH and CANL ±4000 V Pins CANH and CANL ±25000 Charged-device model (CDM), per JEDEC specification JESD22-C101(2) All pins ±1500 IEC 61400-4-2 Contact Discharge CANH and CANL terminals to GND ±12000 8.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC Supply voltage 3 3.6 V IOH(LOGIC) Logic terminal HIGH level output current –2 mA IOL(LOGIC) Logic terminal LOW level output current 2 TA Operational free-air temperature –40 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 8.4 Thermal Information THERMAL METRIC(1) TCAN33x TCAN33x UNIT D (SOIC) DCN (SOT-23) 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 114.4 154.4 °C/W RθJC(top) Junction-to-case (top) thermal resistance 58.7 76.6 °C/W RθJB Junction-to-board thermal resistance 55.2 49.2 °C/W ψJT Junction-to-top characterization parameter 11.7 11.9 °C/W ψJB Junction-to-board characterization parameter 54.6 49.2 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A N/A °C/W PD Average power dissipation VCC = 3.3 V, TJ = 27°C, RL = 60 Ω, SHDN, S and STB at 0 V, Input to TXD at 500 kHz, 50% duty cycle square wave, CL(RXD) = 15 pF 65 65 mW TSD Thermal shutdown temperature 175 175 °C THYS Thermal shutdown hysteresis 5 5 °C |
Número de pieza similar - TCAN334D |
|
Descripción similar - TCAN334D |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |